Electronic Components Datasheet Search
  English  ▼

X  

D412F Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # D412F
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D412F Datasheet(HTML) 5 Page - Maxim Integrated Products

  D412F Datasheet HTML 1Page - Maxim Integrated Products D412F Datasheet HTML 2Page - Maxim Integrated Products D412F Datasheet HTML 3Page - Maxim Integrated Products D412F Datasheet HTML 4Page - Maxim Integrated Products D412F Datasheet HTML 5Page - Maxim Integrated Products D412F Datasheet HTML 6Page - Maxim Integrated Products D412F Datasheet HTML 7Page - Maxim Integrated Products D412F Datasheet HTML 8Page - Maxim Integrated Products D412F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
_______________________________________________________________________________________
5
LIGHT-LOAD SWITCHING WAVEFORMS
MAX1556/7 toc10
20mV/div
AC-COUPLED
VLX
VOUT
ILX
2V/div
0
4
µs/div
0
200mA/div
EXTERNAL FEEDBACK
SWITCHING WAVEFORMS
MAX1556/7 toc10b
VLX
ILX
2V/div
0
2
µs/div
0
200mA/div
VIN = 5V, VOUT = 3.3V, IOUT = 500mA
SOFT-START/SHUTDOWN WAVEFORMS
MAX1556/7 toc11
5V/div
ILX
VSHDN
VOUT
IIN
500mA/div
0
0
100
µs/div
0
1V/div
0
500mA/div
CSS = 470pF
RLOAD = 4
Ω
SOFT-START RAMP TIME vs. CSS
CSS (pF)
500
1000
1500
2000
10
0.1
0
2500
1
LOAD TRANSIENT
MAX1556/7 toc13
50mV/div
AC-COUPLED
500mA/div
VOUT
IOUT
20
µs/div
0
IOUTMIN = 20mA
LOAD TRANSIENT
MAX1556/7 toc14
50mV/div
AC-COUPLED
500mA/div
VOUT
IOUT
20
µs/div
0
IOUTMIN = 180mA
LINE TRANSIENT
MAX1556/7 toc15
10mV/div
AC-COUPLED
VIN
VOUT
ILX
3.5V
4V
40
µs/div
0
200mA/div
BODE PLOT
MAX1556/7 toc16
FREQUENCY (kHz)
100
10
1
-50
-40
-30
-20
-10
0
10
20
30
40
-60
-30
0
30
60
90
120
150
180
210
240
-60
0.1
1000
0dB
PHASE MARGIN = 53
°
COUT = 22
µF, RLOAD = 4Ω
Typical Operating Characteristics (continued)
(VIN = VINP = 3.6V, D1 = D2 = SHDN = IN, Circuits of Figures 2 and 3, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com