Electronic Components Datasheet Search
  English  ▼

X  

MAX11202 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11202
Description  24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11202 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11202 Datasheet HTML 6Page - Maxim Integrated Products MAX11202 Datasheet HTML 7Page - Maxim Integrated Products MAX11202 Datasheet HTML 8Page - Maxim Integrated Products MAX11202 Datasheet HTML 9Page - Maxim Integrated Products MAX11202 Datasheet HTML 10Page - Maxim Integrated Products MAX11202 Datasheet HTML 11Page - Maxim Integrated Products MAX11202 Datasheet HTML 12Page - Maxim Integrated Products MAX11202 Datasheet HTML 13Page - Maxim Integrated Products MAX11202 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
______________________________________________________________________________________ 11
24-Bit, Single-Channel, Ultra-Low-Power, Delta
Sigma ADC with 2-Wire Serial Interface
Figure 1. Timing Diagram for Data Read After Conversion
Figure 2. Timing Diagram for Data Read Followed by RDY/DOUT Being Asserted High Using 25th SCLK
Figure 3. Timing Diagram for Data Read Followed by Two Extra Clock Cycles for Self-Calibration
t5
t3
1
D23
CONVERSION IS DONE
DATA IS AVAILABLE
CONVERSION IS DONE
DATA IS AVAILABLE
D22
D0
2
3
24
t1
t4
t7
t2
t6
SCLK
RDY/DOUT
1
D23
CONVERSION IS DONE
DATA IS AVAILABLE
CONVERSION IS DONE
DATA IS AVAILABLE
D22
D0
2
3
24
25
SCLK
RDY/DOUT
25TH SLK RISING EDGE
PULLS RDY/DOUT
HIGH
1
D23
CONVERSION IS DONE
DATA IS AVAILABLE
CONVERSION IS DONE
DATA IS AVAILABLE AFTER CALIBRATION
CALIBRATION STARTS ON 26TH SCLK
t8
D22
D0
2
3
24
1
2
25
26
D23
D22
SCLK
RDY/DOUT
25TH SCLK PULLS
RDY/DOUT HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com