Electronic Components Datasheet Search
  English  ▼

X  

MAX11202 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11202
Description  24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11202 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11202 Datasheet HTML 1Page - Maxim Integrated Products MAX11202 Datasheet HTML 2Page - Maxim Integrated Products MAX11202 Datasheet HTML 3Page - Maxim Integrated Products MAX11202 Datasheet HTML 4Page - Maxim Integrated Products MAX11202 Datasheet HTML 5Page - Maxim Integrated Products MAX11202 Datasheet HTML 6Page - Maxim Integrated Products MAX11202 Datasheet HTML 7Page - Maxim Integrated Products MAX11202 Datasheet HTML 8Page - Maxim Integrated Products MAX11202 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 ______________________________________________________________________________________
24-Bit, Single-Channel, Ultra-Low-Power, Delta
Sigma ADC with 2-Wire Serial Interface
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Any Pin to GND ....................................................-0.3V to +3.9V
AVDD to GND.......................................................-0.3V to +3.9V
DVDD to GND ......................................................-0.3V to +3.9V
Analog Inputs (AINP, AINN, REFP, REFN)
to GND.............................................. -0.3V to (VAVDD + 0.3V)
Digital Inputs and Digital Outputs
to GND.............................................. -0.3V to (VDVDD + 0.3V)
ESDHB (AVDD, AINP, AINN, REFP, REFN, DVDD, CLK, SCLK,
RDY/DOUT, GND) ............................................ Q2kV (Note 1)
Continuous Power Dissipation (TA = +70NC)
10-Pin FMAX (derate 5.6mW/NC above +70NC) ..........444mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -55NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VAVDD = +3.6V, VDVDD = +1.8V, VREFP - VREFN = VAVDD; internal clock, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25NC under normal conditions, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
Note 1: Human Body Model to specification MIL-STD-883 Method 3015.7.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC PERFORMANCE
Noise-Free Resolution (Notes 2, 3)
NFR
MAX11202A
19
Bits
MAX11202B
20.5
Noise (Notes 2, 3)
VN
MAX11202A
2.1
F
VRMS
MAX11202B
0.72
Integral Nonlinearity
INL
(Note 4)
-10
+10
ppmFSR
Zero Error
VOFF
After calibration, VREFP - VREFN = 2.5V
-13
1
+13
ppmFSR
Zero Drift
50
nV/NC
Full-Scale Error
After calibration, VREFP - VREFN = 2.5V
(Note 5)
-30
3
+30
ppmFSR
Full-Scale Error Drift
0.05
ppmFSR/
N
C
Power-Supply Rejection
AVDD DC rejection
70
80
dB
DVDD DC rejection
90
100
ANALOG INPUTS/REFERENCE INPUTS
Common-Mode Rejection
CMR
DC rejection
90
123
dB
50Hz/60Hz rejection, MAX11202A
90
50Hz/60Hz rejection, MAX11202B
144
Normal-Mode 50Hz Rejection
NMR50
MAX11202B (Note 6)
65
80.5
dB
Normal-Mode 60Hz Rejection
NMR60
MAX11202B (Note 6)
73
87
dB
Common-Mode Voltage Range
GND
VAVDD
V
Absolute Input Voltage
Low input voltage
GND -
30mV
V
High input voltage
VAVDD
+ 30mV
DC Input Leakage
Sleep mode (Note 2)
Q
1
F
A
AIN Dynamic Input Current
5
F
A
REF Dynamic Input Current
7.5
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com