Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Approximate Internal Connections
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Operating Temperature...........................
-25°Cto75°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Storage Temperature ............................
-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Logic Supply Voltage
¾¾
4.5
5
5.5
V
VEE
VFD Supply Voltage
¾¾
0
¾
VDD
-35
V
fOSC
Oscillation Frequency
5V
ROSC=51k
W
350
500
650
kHz
RPL
Output Pull-low Resistor
5V
Driver output
50
100
150
k
W
IDD
Operating Current
5V
No load, VFD display off
¾¾
5mA
IOL
Driver Leakage Current
5V
VO=VDD
-35V, VFD driver
off
¾¾
-10
mA
IOL1
LED Sink Current
5V
VOL=1V, LED0~LED3
20
¾¾
mA
IOH1
LED Source Current
5V
VOH=0.9VDD
LED0~LED3
-1
¾¾
mA
IOH21
Segment/Key Source Current
5V
VOH=VDD
-2V
S0/K0~S5/K5, S6~S10
-3
¾¾
mA
IOH22
Segment/Grid Source Current
5V
VOH=VDD
-2V
G0~G5, S11/G10~S15/G6
-15
¾¾
mA
IOL3
DO Sink Current
5V
VOL=0.4V
4
¾¾
mA
VIH
²H² Input Voltage
¾¾
0.7VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.3VDD
V
VOH1
High-level Output Voltage
5V
LED0~LED3, IOH1=
-1mA
0.9VDD
¾
VDD
V
VOL1
Low-level Output Voltage
5V
LED0~LED3, IOL1=20mA
0
¾
1V
VOL2
Low-level Output Voltage
5V
DO, IOL2=4mA
0
¾
0.4
V
HT16512
Rev. 1.50
3
May 7, 2010
N M O S O U T
V D D
P M O S O U T
C M O S O U T
V D D
V E E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com