Electronic Components Datasheet Search
  English  ▼

X  

HT16515 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16515
Description  1/4 to 1/12 Duty VFD Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16515 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16515 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-962.50
600.00
23
834.10
-754.00
2
-962.50
495.00
24
834.10
-652.60
3
-962.50
380.20
25
834.10
-551.20
4
-962.50
275.20
26
834.10
-449.80
5
-962.50
-107.20
27
834.10
-348.40
6
-962.50
-235.60
28
834.10
-247.00
7
-962.50
-366.00
29
834.10
-145.60
8
-962.50
-471.00
30
987.30
0.50
9
-962.50
-576.00
31
987.30
130.50
10
-962.50
-681.00
32
987.30
382.05
11
-962.50
-786.00
33
987.30
734.05
12
-689.60
-772.45
34
610.30
594.40
13
-460.45
-595.30
35
508.90
594.40
14
-344.25
-595.30
36
407.50
594.40
15
-242.85
-595.30
37
306.10
594.40
16
-141.45
-595.30
38
204.70
594.40
17
-40.05
-595.30
39
103.30
594.40
18
61.35
-595.30
40
1.90
594.40
19
162.75
-595.30
41
-99.50
594.40
20
264.15
-595.30
42
-200.90
594.40
21
365.55
-595.30
43
-317.10
594.40
22
466.95
-595.30
44
-624.50
756.80
Pin Description
Pin No.
Pin Name
I/O
Description
1~4
LED3~LED0
O
LED driver output ports. This is a CMOS output pin and maximum driving
current up to +20mA.
5
OSC
I
Connected to an external resistor or an RC oscillator circuit.
6DO
O
Data output pin, output serial data at falling edge of shift clock, starting from
the lower bit. This is N-ch open-drain output pin.
7DI
I
Data input pin, input serial data at rising edge of shift clock, starting from the
lower bit.
8
CLK
I
Clock input pin. Reads serial data at the rising edge, and outputs data at the
falling edge.
9CS
I
Initializes serial interface at the rising or falling edge of the HT16515. Then
it waits to receive a command. Data input after CS has fallen is processed,
current processing is stopped, and the serial interface is initialized. While
CS is high, CLK is ignored.
10, 11
Key0, Key1
I
Key-in data input to these pins are latched at the end of the display cycle.
12, 44
VSS
¾ Negative power supply, ground
13, 43
VDD
¾ Positive power supply
14~29
Seg1/KS1~Seg16/KS16
O
High voltage output, segment output pins, dual function as key source. This
is PMOS open-drain and pull-low resistor output.
30
VEE
¾ VFD power supply
31~38
Seg17/Grid12~
Seg24/Grid5
O
High voltage output, these pins are selectable for segment or grid output.
This is PMOS open-drain and pull-low resistor output.
39~42
Grid4~Grid1
O
High voltage output, grids output pin. This is PMOS open-drain and pull-low
resistor output.
HT16515
Rev. 1.70
3
May 7, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com