Electronic Components Datasheet Search
  English  ▼

X  

HT16515 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16515
Description  1/4 to 1/12 Duty VFD Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16515 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16515 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16515 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Approximate Internal Connections
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Operating Temperature...........................
-25°Cto75°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Storage Temperature ............................
-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C, VEE=VDD-35V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Logic Supply Voltage
3.3V
¾
3
3.3
3.6
V
5V
4.5
5
5.5
V
VEE
VFD Supply Voltage
¾¾
0
¾
VDD
-35
V
fOSC
Oscillation Frequency
3.3V
ROSC=82k
W
350
500
650
kHz
5V
RPL
Output Pull-low Resistor
3.3V
Driver output
40
65
120
k
W
5V
IDD
Operating Current
3.3V No load, VFD display off,
data output =00H
¾¾
3
mA
5V
¾¾
5
IOL
Driver Leakage Current
3.3V
VO=VDD
-35V, VFD driver off
-5
¾
5
mA
5V
-10
¾
10
IOL1
LED Sink Current
3.3V
VOL=1V, LED0~LED3
10
¾¾
mA
5V
20
¾¾
IOH1
LED Source Current
3.3V
VOH=0.9VDD, LED0~LED3
¾¾
-1.5
mA
5V
¾¾
-3
IOH21
Segment 1~16 Source Current
3.3V
VOH=VDD
-2V
¾¾
-1.5
mA
5V
¾¾
-3
IOH22
Segment 17~24, Grid 1~4
Source Current
3.3V
VOH=VDD
-2V
¾¾
-7.5
mA
5V
¾¾
-15
IOL3
DO Sink Current
3.3V
VOL=0.4V
2
¾¾
mA
5V
4
¾¾
VIH
²H² Input Voltage
¾¾
0.7VDD
¾
VDD
V
HT16515
Rev. 1.70
4
May 7, 2010
N M O S O U T
V D D
P M O S O U T
C M O S O U T
V D D
V E E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com