Electronic Components Datasheet Search
  English  ▼

X  

TUSB9260 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE Data Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 4Page - Texas Instruments TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments TUSB9260 Datasheet HTML 10Page - Texas Instruments TUSB9260 Datasheet HTML 11Page - Texas Instruments TUSB9260 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TUSB9260
SLLS962 – DECEMBER 2009
www.ti.com
When connected as a SuperSpeed device, the firmware presents the UASP interface as the primary
interface, and the BOT interface as a secondary interface. If the host stack is not UASP aware, it can
enable the BOT interface using a SET_INTERFACE request for alternate interface 1.
When connected as a high-speed or full-speed device, the firmware presents the BOT interface as the
primary interface and the UASP interface as the secondary interface. If the host stack is UASP aware, it
can enable the UASP interface using a SET_INTERFACE request for alternate interface 1.
When configured for BOT, the firmware performs the following functions:
•
Receives the command block wrapper (CBW) from the OUT endpoint on the USB interface.
•
Deconstructs the encapsulated command in the CBW and creates the appropriate command table
(CT) entry, including the physical region descriptor table (PRDT), as necessary for the AHCI to deliver
command to the SATA device.
•
Performs management as required for delivery of the command response received from the SATA
device, including data for read commands, as packet data to the USB bulk transfer pipe. This includes
setting up TRBs for the USB device controller.
•
Performs management as required for delivery of packet data for write commands from the USB bulk
interface pipe to the SATA device. This includes setting up the TRBs for the device controller.
•
Creates the command list (CL) entry pointing to the CT entry and enable the command slot for delivery
of the command from the AHCI to the SATA device.
•
Creates the command status wrapper (CSW) for each CBW received for delivery to the USB host on
the IN endpoint.
•
Monitors for error conditions per the 13 cases (defined in the BOT specification).
•
Performs other necessary operations, including hardware initialization or manipulation of GPIOs, to
support device activity indication, hot plug, media notifications, one-touch back up if supported, or other
required functionality.
When the UASP configuration is enabled, the firmware performs the following functions:
•
Receives the command information units (IU) from the command OUT endpoint on the USB interface.
•
Creates the appropriate command table (CT) entry based on the received command IU, including the
physical region descriptor table (PRDT), as necessary for the AHCI to deliver command to the SATA
device.
–
Performs management as required for delivery of the command response IU received from the
SATA device, this includes read ready IU, write ready IU, and response IU. These are delivered on
the status IN endpoint. This includes setting up TRBs on the USB device controller. Note, when
operating in SuperSpeed mode the device does not have to return the read ready IU or write ready
IU if it returns ERDY with the initiator port transfer tag (see the UAS specification) as the stream ID.
–
Performs management as necessary to deliver data from target for read commands, on the DFT IN
endpoint. This includes setting up TRBs on the USB device controller.
–
Performs management as required for delivery of packet data from initiator for write commands
from the DFI OUT endpoint to the SATA device. This includes setting up TRBs on the USB device
controller.
•
Creates the command list (CL) entry pointing to the CT entry and enable the command slot for delivery
of the command from the AHCI to the SATA device. This includes maintaining a list of command tags
and associated command slots.
•
Monitors for error conditions and provide appropriate status.
•
Performs other necessary operations, including hardware initialization or manipulation of GPIOs, to
support device activity indication, hot plug, media notifications, one-touch back up if supported, or other
required functionality.
8
Overview
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com