Electronic Components Datasheet Search
  English  ▼

X  

TUSB9260 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE Data Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments TUSB9260 Datasheet HTML 10Page - Texas Instruments TUSB9260 Datasheet HTML 11Page - Texas Instruments TUSB9260 Datasheet HTML 12Page - Texas Instruments TUSB9260 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TUSB9260
SLLS962 – DECEMBER 2009
www.ti.com
2.4
Terminal Descriptions
Table 2-1. Clock and Reset Signals
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Global power reset. This reset brings all of the TUSB9260 internal registers to their default states.
GRSTN
I/O
When GRSTN is asserted, the device is completely nonfunctional.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately be
XI
I
driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback resistor is
required between X1 and XO.
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an
XO
O
external oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback resistor
is required between X1 and XO.
Frequency select. These terminals indicate the oscillator input frequency and used to configure the
correct PLL multiplier. The field encoding is as follows:
00b 20 MHz
FREQSEL[1:0]
I
01b 25 MHz
10b 30 MHz
11b 40 MHz
Table 2-2. USB signals
TERMINAL
I/O
DESCRIPTION
NAME
NO.
USB_SSTXP
O
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM
O
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP
I
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM
I
USB SuperSpeed receiver differential pair (negative)
USB_DP
I/O
USB High-speed differential transceiver (positive)
USB_DM
I/O
USB High-speed differential transceiver (negative)
USB_VBUS
I
USB bus power
USB_R1
I
Precision resistor reference. A 10K +/- 1% resistor should be connected between R1 and R2.
USB_R2
I
Precision resistor reference return
PLL loop capacitor. External loop capacitor for the SS PHY PLL. The value of the loop capacitor is
CEXT1
PT
TBD.
PLL loop capacitor. External loop capacitor for the USB 2.0 PHY PLL. The value of the loop
CEXT0
PT
capacitor is TBD.
Table 2-3. SATA Signals
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SATA_TXP
O
Serial ATA transmitter differential pair (positive)
SATA_TXM
O
Serial ATA transmitter differential pair (negative)
SATA_RXP
I
Serial ATA receiver differential pair (positive)
SATA_RXM
I
Serial ATA receiver differential pair (negative)
PLL loop capacitor. External loop capacitor for the SATA PLL. The value of the loop capacitor is
CEXT2
PT
TBD.
10
Overview
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com