Electronic Components Datasheet Search
  English  ▼

X  

PIC16F707 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F707
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F707 Datasheet HTML 1Page - Microchip Technology PIC16F707 Datasheet HTML 2Page - Microchip Technology PIC16F707 Datasheet HTML 3Page - Microchip Technology PIC16F707 Datasheet HTML 4Page - Microchip Technology PIC16F707 Datasheet HTML 5Page - Microchip Technology PIC16F707 Datasheet HTML 6Page - Microchip Technology PIC16F707 Datasheet HTML 7Page - Microchip Technology PIC16F707 Datasheet HTML 8Page - Microchip Technology PIC16F707 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 3
PIC16F707/PIC16LF707
Devices included in this data sheet:
High-Performance RISC CPU:
• Only 35 Single-Word Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
• 8K x 14 Words of Flash Program Memory
• 363 Bytes of Data Memory (SRAM)
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Read Access to Program Memory
• Pinout Compatible to other 40-pin PIC16CXXX
and PIC16FXXX Microcontrollers
Special Microcontroller Features:
• Precision Internal Oscillator:
- 16 MHz or 500 kHz operation
- Factory calibrated to ±1%, typical
- Software selectable ÷1, ÷2, ÷4 or ÷8 divider
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- 3 crystal/resonator modes up to 20 MHz
- 3 external clock modes up to 20 MHz
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-Up Timer (OST)
• Brown-out Reset (BOR):
- Selectable between two trip points
- Disabled in Sleep option
• Watchdog Timer (WDT)
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via two
pins
• In-Circuit Debug (ICD) via Two Pins
• Multiplexed Master Clear with Pull-up/Input Pin
• Industrial and Extended Temperature Range
• High-Endurance Flash Cell:
- 1,000 Write Flash Endurance (typical)
- Flash Retention: >40 years
- Power-Saving Sleep mode
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF707)
• 1.8V to 5.5V (PIC16F707)
Extreme Low-Power Management
PIC16LF707 with nanoWatt XLP:
• Sleep mode: 20 nA @ 1.8V, typical
• Watchdog Timer: 500 nA @ 1.8V, typical
• Timer1 Oscillator: 600 nA @ 1.8V, typical
@ 32 kHz
mTouch™ Technology Features:
• Up to 32 Channels
• Two Capacitive Sensing modules:
- Acquire 2 samples simultaneously
• Multiple Power modes:
- Operation during Sleep
- Proximity sensing with ultra low µA current
• Adjustable Waveform Min. and Max. for Optimal
Noise Performance
• 1.8V to 5.5V Operation (3.6V max. for
PIC16LF707)
Analog Features:
• A/D Converter:
- 8-bit resolution and up to 14 channels
- Conversion available during Sleep
- Selectable 1.024V/2.048V/4.096V voltage
reference
• On-chip 3.2V Regulator (PIC16F707 device only)
Peripheral Highlights:
• Up to 35 I/O Pins and 1 Input-only Pin:
- High current source/sink for direct LED drive
- Interrupt-on-pin change
- Individually programmable weak pull-ups
• Timer0/A/B: 8-Bit Timer/Counter with 8-Bit
Prescaler
• Enhanced Timer1/3:
- Dedicated low-power 32 kHz oscillator driver
- 16-bit timer/counter with prescaler
- External Gate Input mode with toggle and
single shot modes
- Interrupt-on-gate completion
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture, Compare, PWM modules (CCP):
- 16-bit Capture, max. resolution 12.5 ns
- 16-bit Compare, max. resolution 200 ns
- 10-bit PWM, max. frequency 20 kHz
• Addressable Universal Synchronous
Asynchronous Receiver Transmitter (AUSART)
•PIC16F707
• PIC16LF707
40/44-Pin, Flash Microcontrollers with
nanoWatt XLP and mTouch™ Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com