Electronic Components Datasheet Search
  English  ▼

X  

12F675 Datasheet(PDF) 7 Page - Microchip Technology

Part # 12F675
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F675 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 12F675 Datasheet HTML 3Page - Microchip Technology 12F675 Datasheet HTML 4Page - Microchip Technology 12F675 Datasheet HTML 5Page - Microchip Technology 12F675 Datasheet HTML 6Page - Microchip Technology 12F675 Datasheet HTML 7Page - Microchip Technology 12F675 Datasheet HTML 8Page - Microchip Technology 12F675 Datasheet HTML 9Page - Microchip Technology 12F675 Datasheet HTML 10Page - Microchip Technology 12F675 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 7
PIC12F629/675
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC12F629/675. Additional information may be
found in the PIC® Mid-Range Reference Manual
(DS33023), which may be obtained from your local
Microchip Sales Representative or downloaded from
the Microchip web site. The Reference Manual should
be considered a complementary document to this Data
Sheet, and is highly recommended reading for a better
understanding of the device architecture and operation
of the peripheral modules.
The PIC12F629 and PIC12F675 devices are covered
by this Data Sheet. They are identical, except the
PIC12F675 has a 10-bit A/D converter. They come in
8-pin PDIP, SOIC, MLF-S and DFN packages.
Figure 1-1 shows a block diagram of the PIC12F629/
675 devices. Table 1-1 shows the pinout description.
FIGURE 1-1:
PIC12F629/675 BLOCK DIAGRAM
Flash
Program
Memory
1K x 14
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
64 x 8
Direct Addr
7
Addr(1)
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKIN
OSC2/CLKOUT VDD, VSS
8
8
Brown-out
Detect
8
3
Timing
Generation
GP5/T1CKI/OSC1/CLKIN
Internal
4 MHz
RAM
GP4/AN3/T1G/OSC2/CLKOUT
GP3/MCLR/VPP
GP2/AN2/T0CKI/INT/COUT
GP1/AN1/CIN-/VREF
GP0/AN0/CIN+
Oscillator
Note 1: Higher order bits are from STATUS register.
Analog
Timer0
Timer1
DATA
EEPROM
128 bytes
EEDATA
EEADDR
Comparator
Analog to Digital Converter
(PIC12F675 only)
AN0 AN1 AN2 AN3
CIN- CIN+ COUT
T0CKI
T1CKI
VREF
and reference
T1G
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com