Electronic Components Datasheet Search
  English  ▼

X  

12F675 Datasheet(PDF) 12 Page - Microchip Technology

Part # 12F675
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F675 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 12F675 Datasheet HTML 8Page - Microchip Technology 12F675 Datasheet HTML 9Page - Microchip Technology 12F675 Datasheet HTML 10Page - Microchip Technology 12F675 Datasheet HTML 11Page - Microchip Technology 12F675 Datasheet HTML 12Page - Microchip Technology 12F675 Datasheet HTML 13Page - Microchip Technology 12F675 Datasheet HTML 14Page - Microchip Technology 12F675 Datasheet HTML 15Page - Microchip Technology 12F675 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
PIC12F629/675
DS41190G-page 12
 2010 Microchip Technology Inc.
Bank 1
80h
INDF(1)
Addressing this Location uses Contents of FSR to Address Data Memory
0000 0000
20,61
81h
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
14,31
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19
83h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
14
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20
85h
TRISIO
—
—
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0
--11 1111
21
86h
—
Unimplemented
—
—
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for Upper 5 bits of Program Counter
---0 0000
19
8Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
15
8Ch
PIE1
EEIE
ADIE
—
—CMIE
—
—TMR1IE
00-- 0--0
16
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOD
---- --0x
18
8Fh
—
Unimplemented
—
—
90h
OSCCAL
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
—
1000 00--
18
91h
—
Unimplemented
—
—
92h
—
Unimplemented
—
—
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPU
—
—
WPU5
WPU4
—
WPU2
WPU1
WPU0
--11 -111
21
96h
IOC
—
—
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
--00 0000
23
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
VRCON
VREN
—
VRR
—
VR3
VR2
VR1
VR0
0-0- 0000
42
9Ah
EEDATA
Data EEPROM Data Register
0000 0000
49
9Bh
EEADR
—
Data EEPROM Address Register
-000 0000
49
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
50
9Dh
EECON2(1)
EEPROM Control Register 2
---- ----
50
9Eh
ADRESL(3)
Least Significant 2 bits of the Left Shifted A/D Result of 8 bits or the Right Shifted Result
xxxx xxxx
44
9Fh
ANSEL(3)
—
ADCS2
ADCS1
ADCS0
ANS3
ANS2
ANS1
ANS0
-000 1111
46,61
Legend:
— = unimplemented locations read as ‘
0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: This is not a physical register.
2: These bits are reserved and should always be maintained as ‘
0’.
3: PIC12F675 only.
TABLE 2-1:
SPECIAL FUNCTION REGISTERS SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com