Electronic Components Datasheet Search
  English  ▼

X  

IR3529 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3529
Description  XPHASE3TM PHASE IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3529 Datasheet(HTML) 2 Page - International Rectifier

  IR3529 Datasheet HTML 1Page - International Rectifier IR3529 Datasheet HTML 2Page - International Rectifier IR3529 Datasheet HTML 3Page - International Rectifier IR3529 Datasheet HTML 4Page - International Rectifier IR3529 Datasheet HTML 5Page - International Rectifier IR3529 Datasheet HTML 6Page - International Rectifier IR3529 Datasheet HTML 7Page - International Rectifier IR3529 Datasheet HTML 8Page - International Rectifier IR3529 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IR3529
Page 2 of 22
February 12, 2010
APPLICATION CIRCUIT
COCSET
SHIFT
ISHARE
CVCCL1
VOUT-
12V
CLKIN
PHSOUT
PHSIN
VCCL
VOUT+
ILL
DACIN
EAIN
PSI#
CCS
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
ILL
1
SW
15
LGND
4
PSI#
2
OCSET
11
IR3529
COUT
L
RCS
CBST
ROCSET
Figure 1 Single Phase Application Circuit
ORDERING INFORMATION
Part Number
Package
Order Quantity
IR3529MTRPBF
20 Lead MLPQ
(4 x 4 mm body)
3000 per reel
* IR3529MPBF
20 Lead MLPQ
(4 x 4 mm body)
100 piece strips
* Samples only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com