Electronic Components Datasheet Search
  English  ▼

X  

IR3529MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3529MPBF
Description  XPHASE3TM PHASE IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3529MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3529MPBF Datasheet HTML 12Page - International Rectifier IR3529MPBF Datasheet HTML 13Page - International Rectifier IR3529MPBF Datasheet HTML 14Page - International Rectifier IR3529MPBF Datasheet HTML 15Page - International Rectifier IR3529MPBF Datasheet HTML 16Page - International Rectifier IR3529MPBF Datasheet HTML 17Page - International Rectifier IR3529MPBF Datasheet HTML 18Page - International Rectifier IR3529MPBF Datasheet HTML 19Page - International Rectifier IR3529MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
IR3529
Page 16 of 22
February 12, 2010
APPLICATIONS SCHEMATIC
VRRDY
VID7
VID6
CVCCL
CCP1
CVDAC
RTCMP1
RVDAC
CVCCL2
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VDAC_BUFF
19
VSETPT
20
VDRP
17
SS/DEL
22
ROSC
23
VN
18
PSI#
24
EXPAD
33
IR3503
VOUT-
RFB1
CFB
VOUT+
RDRP
RFB
CCS1
CCP
RSETPT
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
ILL
1
SW
15
LGND
4
PSI#
2
OCSET
11
IR3529
L1
COUT1
RCS1
RTCMP2
CBST1
RCP
CSS/DEL
ROCP1
+12V
RTCMP3
RTHERM
VID2
VID3
VID0
VID1
VID5
VID4
VOSEN+
VRHOT
VOSEN-
RHOTSET1
RHOTSET2
ROSC
PSI#
RMON1
CVCCL4
CCS3
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
ILL
1
SW
15
LGND
4
PSI#
2
OCSET
11
IR3529
L3
CMON
RCS3
CBST3
RMON
CVCCL3
CCS2
L2
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
ILL
1
SW
15
LGND
4
PSI#
2
OCSET
11
IR3529
RCS2
CBST2
IOUT
ENABLE
VOSEN-
CVCCL5
CCS4
L4
DACIN
3
GATEH
14
VCCL
12
BOOST
13
PHSIN
5
ILL
1
SW
15
LGND
4
PSI#
2
OCSET
11
IR3529
RCS4
CBST4
ROCP2
COCP2
ROCP3
COCP3
COCP4
ROCP4
4.75V to 7.5V VCCL
COCP1
VOSEN+
VOSEN-
Figure 9: Multi Phase Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com