Electronic Components Datasheet Search
  English  ▼

X  

INT201TFI Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # INT201TFI
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201TFI Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button INT201TFI Datasheet HTML 2Page - Power Integrations, Inc. INT201TFI Datasheet HTML 3Page - Power Integrations, Inc. INT201TFI Datasheet HTML 4Page - Power Integrations, Inc. INT201TFI Datasheet HTML 5Page - Power Integrations, Inc. INT201TFI Datasheet HTML 6Page - Power Integrations, Inc. INT201TFI Datasheet HTML 7Page - Power Integrations, Inc. INT201TFI Datasheet HTML 8Page - Power Integrations, Inc. INT201TFI Datasheet HTML 9Page - Power Integrations, Inc. INT201TFI Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INT201
F
2/96
6
0
450
0
300
0.3
1.0
0.3
1.0
8.5
9.0
10
175
350
1.5
3.0
10
16
Dt
P+
Dt
P-
Mt
P+
Mt
P-
V
DDH(UV)
I
DDH
V
DDH
Deadtime (Low Off
to High On)
Deadtime (Low On
to High Off)
Matching (Low On
to High On)
Matching (Low Off
to High Off)
Input UV
Threshold Voltage
Input UV
Hysteresis
Supply
Current
Supply
Voltage
ns
ns
µs
µs
V
mV
mA
V
NOTES:
1. Applying a short circuit to the HS OUT pin for more than 500
µs will exceed the thermal rating of the package,
resulting in destruction of the part.
SYSTEM RESPONSE
UNDERVOLTAGE LOCKOUT
SUPPLY
See Figure 8
See Figure 8
See Figure 9
See Figure 9
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DDH= 15 V, SOURCE = 0V
T
A = -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com