Electronic Components Datasheet Search
  English  ▼

X  

INT201TFI Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # INT201TFI
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201TFI Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button INT201TFI Datasheet HTML 3Page - Power Integrations, Inc. INT201TFI Datasheet HTML 4Page - Power Integrations, Inc. INT201TFI Datasheet HTML 5Page - Power Integrations, Inc. INT201TFI Datasheet HTML 6Page - Power Integrations, Inc. INT201TFI Datasheet HTML 7Page - Power Integrations, Inc. INT201TFI Datasheet HTML 8Page - Power Integrations, Inc. INT201TFI Datasheet HTML 9Page - Power Integrations, Inc. INT201TFI Datasheet HTML 10Page - Power Integrations, Inc. INT201TFI Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
F
2/96
INT201
7
Figure 9. Matching Test Circuit.
Figure 8. Dead Time Test Circuit.
Figure 7. Switching Time Test Circuit.
PI-1469-042695
15 V
12
34
87
65
12
34
87
65
INT201
INT200
47
µF
35 V
0.1
µF
1000 pF
50%
0 V
INPUT
HS OUT
td(on)
5 V
15 V
0 V
10%
90%
10%
90%
tf
50%
tr
td(off)
PI-1470-042695
15 V
12
34
87
65
12
34
87
65
INT201
INT200
47
µF
35 V
0.1
µF
1000 pF
1000 pF
0 V
INPUT
LS OUT
Dtp+
5 V
15 V
0 V
50%
50%
HS OUT
15 V
0 V
Dtp-
50%
50%
PI-1471-042695
15 V
12
34
87
65
12
34
87
65
INT201
INT202
47
µF
35 V
0.1
µF
1000 pF
1000 pF
0 V
INPUT
LS OUT
Mtp-
5 V
15 V
0 V
50%
50%
HS OUT
15 V
0 V
Mtp+
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com