Electronic Components Datasheet Search
  English  ▼

X  

INT200TFI2 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # INT200TFI2
Description  Low-side Drive and High-side Control with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT200TFI2 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button INT200TFI2 Datasheet HTML 3Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 4Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 5Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 6Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 7Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 8Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 9Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 10Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
F
1/96
INT200
NOTES:
1. Applying a short circuit to the LS OUT pin for more than 500
µs will exceed the thermal rating of the package,
resulting in destruction of the part.
2. V
DD supply must have less than 30 Ω output impedance.
Figure 8. Dead Time Test Circuit.
Figure 7. Switching Time Test Circuit.
PI-1463-042695
8
5
7
6
1
4
2
3
15 V
INPUT
CL
1000 pF
1
µF
0.1
µF
50%
0 V
INPUT
LS OUT
td(on)
5 V
15 V
0 V
10%
90%
10%
90%
tf
50%
tr
td(off)
PI-1465-042695
15 V
12
34
87
65
12
34
87
65
INT201
INT200
47
µF
35 V
0.1
µF
1000 pF
1000 pF
0 V
INPUT
LS OUT
Dtp+
5 V
15 V
0 V
50%
50%
HS OUT
15 V
0 V
Dtp-
50%
50%
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com