Electronic Components Datasheet Search
  English  ▼

X  

INT200TFI2 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # INT200TFI2
Description  Low-side Drive and High-side Control with Simultaneous Conduction Lockout
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT200TFI2 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  INT200TFI2 Datasheet HTML 1Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 2Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 3Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 4Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 5Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 6Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 7Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 8Page - Power Integrations, Inc. INT200TFI2 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 1996
INT200
Low-side Driver IC
Low-side Drive and High-side Control
with Simultaneous Conduction Lockout
Product Highlights
5 V CMOS Compatible Control Inputs
• Combines logic inputs for low and high-side drives
• Schmidt-triggered inputs for noise immunity
Built-in High-voltage Level Shifters
• Integrated level shifters simplify high-side interface
• Can withstand up to 800 V for direct interface to the
INT201 high-side driver
• Pulsed high-voltage level shifters reduce power
consumption
Gate Drive Output for an External MOSFET
• Provides 300 mA sink/150 mA source current
• Can drive MOSFET gate at up to 15 V
• External MOSFET allows flexibility in design for various
motor sizes
Built-in Protection Features
• Simultaneous conduction lockout protection
• UV lockout
Description
The INT200 Low-side driver IC provides gate drive for an
external low-side MOSFET switch and high-side level shifting.
When used in conjunction with the INT201 high-side driver, the
INT200 provides a simple, cost-effective interface between
low-voltage control logic and high-voltage loads. The INT200
is designed to be used with rectified 110 V or 220 V supplies.
Both high-side and low-side switches can be controlled
independently from ground-referenced 5 V logic inputs on the
low side driver.
Built-in protection logic prevents both switches from turning
on at the same time and shorting the high voltage supply. Pulsed
level shifting saves power and provides enhanced noise
immunity. The circuit is powered from a nominal 15 V supply
to provide adequate gate drive for external N-channel MOSFETs.
Applications include motor drives, electronic ballasts, and
uninterruptible power supplies. The INT200 can also be used
to implement full- bridge and multi-phase configurations.
The INT200 is available in 8-pin plastic DIP and SOIC packages.
®
ORDERING INFORMATION
PART
PACKAGE
ISOLATION
NUMBER
OUTLINE
VOLTAGE
INT200PFI1
P08A
600 V
INT200TFI1
T08A
600 V
INT200PFI2
P08A
800 V
INT200TFI2
T08A
800 V
HSD2
HS IN
PI–284C–072291
COM
8
5
7
6
N/C
LS IN
LS OUT
1
4
2
3
VDD
HSD1
Figure 2. Pin Configuration.
Figure 1. Typical Application
HV
HS IN
LS IN
INT201
INT200
PI-11762-012396
VDD
3-PHASE
BRUSHLESS
DC MOTOR


Similar Part No. - INT200TFI2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
INT201PFI POWERINT-INT201PFI Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
INT201TFI POWERINT-INT201TFI Datasheet
100Kb / 12P
Floating Inputs Floating High-side Drive
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
Low-side Drive and High-side Control for Simultaneous Conduction
INT202PFI1 POWERINT-INT202PFI1 Datasheet
88Kb / 12P
Low-side Drive and High-side Control for Simultaneous Conduction
More results

Similar Description - INT200TFI2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT100 POWERINT-INT100 Datasheet
94Kb / 12P
Low-Side and High-side Drive with Simultaneous Conduction Lockout
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
Low-side Drive and High-side Control for Simultaneous Conduction
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
High-Current, High- and Low-Side, Gate-Drive IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com