Electronic Components Datasheet Search
  English  ▼

X  

LTC690 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 1 Page - Linear Technology

  LTC690 Datasheet HTML 1Page - Linear Technology LTC690 Datasheet HTML 2Page - Linear Technology LTC690 Datasheet HTML 3Page - Linear Technology LTC690 Datasheet HTML 4Page - Linear Technology LTC690 Datasheet HTML 5Page - Linear Technology LTC690 Datasheet HTML 6Page - Linear Technology LTC690 Datasheet HTML 7Page - Linear Technology LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
1
690fe
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Microprocessor
Supervisory Circuits
The LTC®690 family provides complete power supply
monitoringandbatterycontrolfunctionsformicroprocessor
reset, battery back-up, CMOS RAM write protection, power
failure warning and watchdog timing. A precise internal
voltage reference and comparator circuit monitor the power
supply line. When an out-of-tolerance condition occurs,
the reset outputs are forced to active states and the chip
enable output unconditionally write-protects external
memory. In addition, the RESET output is guaranteed to
remain logic low even with VCC as low as 1V.
The LTC690 family powers the active CMOS RAMs with a
charge pumped NMOS power switch to achieve low drop-
out and low supply current. When primary power is lost,
auxiliary power, connected to the battery input pin, powers
the RAMs in standby through an efficient PMOS switch.
For an early warning of impending power failure, the LTC690
family provides an internal comparator with a user-defined
threshold.Aninternalwatchdogtimerisalsoavailable,which
forces the reset pins to active states when the watchdog
input is not toggled prior to a preset timeout period.
RESET Output Voltage
vs Supply Voltage
APPLICATIONS
n
Guaranteed Reset Assertion at VCC = 1V
n 1.5mA Maximum Supply Current
n Fast (35ns Max) Onboard Gating of RAM Chip
Enable Signals
n SO-8 and S16 Packaging
n 4.65V Precision Voltage Monitor
n Power OK/Reset Time Delay: 50ms, 200ms
or Adjustable
n Minimum External Component Count
n 1µA Maximum Standby Current
n Voltage Monitor for Power-Fail
or Low-Battery Warning
n Thermal Limiting
n Performance Specified Over Temperature
n Superior Upgrade for MAX690 Family
n Critical μP Power Monitoring
n Intelligent Instruments
n Battery-Powered Computers and Controllers
n Automotive Systems
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
ADJ
VIN
VOUT
10μF
VIN ≥ 7.5V
5V
100μF
0.1μF
μP NMI
μP
POWER
POWER TO
CMOS RAM
I/O LINE
μP RESET
μP
SYSTEM
0.1μF
3V
51k
10k
690 TA01
LT
®1086-5
MICROPROCESSOR RESET, BATTERY BACK-UP, POWER FAILURE
WARNING AND WATCHDOG TIMING ARE ALL IN A SINGLE CHIP
FOR MICROPROCESSOR SYSTEMS
LTC690/LTC691
LTC694/LTC695
VBATT
PFI
WDI
RESET
PFO
VOUT
VCC
GND
0.1μF
100Ω
+
+
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULL-UP = 10μA
VBATT = 0V
690 TA02


Similar Part No. - LTC690

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
LTC690 LINER-LTC690 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC690 LINER-LTC690 Datasheet
153Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
More results

Similar Description - LTC690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com