Electronic Components Datasheet Search
  English  ▼

X  

LTC690 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC690
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC690 Datasheet HTML 10Page - Linear Technology LTC690 Datasheet HTML 11Page - Linear Technology LTC690 Datasheet HTML 12Page - Linear Technology LTC690 Datasheet HTML 13Page - Linear Technology LTC690 Datasheet HTML 14Page - Linear Technology LTC690 Datasheet HTML 15Page - Linear Technology LTC690 Datasheet HTML 16Page - Linear Technology LTC690 Datasheet HTML 17Page - Linear Technology LTC690 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
15
690fe
APPLICATIONS INFORMATION
Table 2. LTC691 and LTC695 Reset Active Time and Watchdog Timeout Selections
OSC SEL
OSC IN
WATCHDOG TIME-OUT PERIOD
RESET ACTIVE TIME
NORMAL
(Short Period)
IMMEDIATELY
AFTER RESET
(Long Period)
LTC691
LTC695
Low
External Clock Input
1024 clks
4096 clks
512 clks
2048 clks
Low
External Capacitor*
16
70
. sec
pF
C
•
200
70
ms
pF
C
•
800
70
ms
pF
C
•
Floating or High
Floating or High
Low
Floating or High
100ms
1.6 sec
1.6 sec
1.6 sec
50ms
50ms
200ms
200ms
*The nominal internal frequency is 10.24kHz. The nominal oscillator frequency with external capacitor is fOSC (Hz) =
184 000
1025
,
()
CpF •
Pushbutton Reset
The LTC690 family does not provide a logic input for direct
connection to a pushbutton. However, a pushbutton in
series with a 100Ω resistor connected to the RESET output
pin (Figure 13) provides an alternative for manual reset.
Connecting a 0.1μF capacitor to the RESET pin debounces
the pushbutton input.
The 100Ω resistor in series with the pushbutton is required
to prevent the ringing, due to the capacitance and lead
inductance, from pulling the RESET pins of the MPU and
LTC69X below ground.
If a dedicated pushbutton reset input is desired, the LTC1235
is a good choice (Figure 14). It has all the functions of the
LTC695 and provides pushbutton reset as an extra feature.
Its pushbutton is internally debounced and invokes the
normal 200ms reset sequence. This eliminates the need
for the 100Ω resistor and 0.1μF capacitor. It also provides
a more consistent reset pulse.
5V
100Ω
VCC
LTC690/LTC691
LTC694/LTC695
GND
690 F13
RESET
0.1μF
MPU
(e.g. 6805)
RESET
5V
VCC
LTC1235
GND
690 F14
RESET
MPU
(e.g. 6805)
RESET
PBRST
Figure 13. The External Pushbutton Reset
Figure 14. The External Pushbutton Reset with the LTC1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com