Electronic Components Datasheet Search
  English  ▼

X  

ADS5281 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5281 Datasheet HTML 9Page - Texas Instruments ADS5281 Datasheet HTML 10Page - Texas Instruments ADS5281 Datasheet HTML 11Page - Texas Instruments ADS5281 Datasheet HTML 12Page - Texas Instruments ADS5281 Datasheet HTML 13Page - Texas Instruments ADS5281 Datasheet HTML 14Page - Texas Instruments ADS5281 Datasheet HTML 15Page - Texas Instruments ADS5281 Datasheet HTML 16Page - Texas Instruments ADS5281 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
www.ti.com
LVDS OUTPUT TIMING CHARACTERISTICS
(1) (2)
LVDS OUTPUT TIMING CHARACTERISTICS
(1) (2)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Typical values are at +25
°C, minimum and maximum values are measured across the specified temperature range of T
MIN = –40°C to TMAX =
+85
°C, sampling frequency = as specified, C
LOAD = 5pF
(3), I
OUT = 3.5mA, RLOAD = 100Ω
(4), and no internal termination, unless otherwise
noted.
ADS528x
40MSPS
50MSPS
65MSPS
PARAMETER
TEST CONDITIONS
(5)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Data valid
(7) to zero-crossing of
tSU
Data setup time
(6)
0.67
0.47
0.27
ns
LCLKP
Zero-crossing of LCLKP to data
tH
Data hold time
(6)
0.85
0.65
0.4
ns
becoming invalid
(7)
Input clock (ADCLK) rising edge
tPROP
Clock propagation delay
cross-over to output clock (ADCLKP)
10
14
16.6
10
12.5
14.1
9.7
11.5
14
ns
rising edge cross-over
Duty cycle of differential clock,
LVDS bit clock duty cycle
45.5
50
53
45
50
53.5
41
50
57
(LCLKP – LCLKN)
Bit clock cycle-to-cycle
250
250
250
ps, pp
jitter
Frame clock cycle-to-cycle
150
150
150
ps, pp
jitter
tRISE,
Data rise time, data fall
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tFALL
time
Fall time is from +100mV to –100mV
tCLKRISE,
Output clock rise time,
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tCLKFALL
output clock fall time
Fall time is from +100mV to –100mV
(1)
All characteristics are at the maximum rated speed for each speed grade.
(2)
Timing parameters are ensured by design and characterization; not production tested.
(3)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(4)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(6)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as
reduced timing margin.
(7)
Data valid refers to a logic high of +100mV and a logic low of –100mV.
Typical values are at +25
°C, minimum and maximum values are measured across the specified temperature range of T
MIN = –40°C to TMAX =
+85
°C, sampling frequency = as specified, C
LOAD = 5pF
(3), I
OUT = 3.5mA, RLOAD = 100Ω
(4), and no internal termination, unless otherwise
noted.
ADS528x
30MSPS
20MSPS
10MSPS
PARAMETER
TEST CONDITIONS
(5)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Data valid
(7) to zero-crossing of
tSU
Data setup time
(6)
0.8
1.5
3.7
ns
LCLKP
Zero-crossing of LCLKP to data
tH
Data hold time
(6)
1.2
1.9
3.9
ns
becoming invalid
(7)
Input clock (ADCLK) rising edge
tPROP
Clock propagation delay
cross-over to output clock (ADCLKP)
9.5
13.5
17.3
9.5
14.5
17.3
10
14.7
17.1
ns
rising edge cross-over
Duty cycle of differential clock,
LVDS bit clock duty cycle
46.5
50
52
48
50
51
49
50
51
(LCLKP – LCLKN)
Bit clock cycle-to-cycle
250
250
750
ps, pp
jitter
Frame clock cycle-to-cycle
150
150
500
ps, pp
jitter
tRISE,
Data rise time, data fall
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tFALL
time
Fall time is from +100mV to –100mV
tCLKRISE,
Output clock rise time,
Rise time is from –100mV to +100mV
0.09
0.2
0.4
0.09
0.2
0.4
0.09
0.2
0.4
ns
tCLKFALL
output clock fall time
Fall time is from +100mV to –100mV
(1)
All characteristics are at the speeds other than the maximum rated speed for each speed grade.
(2)
Timing parameters are ensured by design and characterization; not production tested.
(3)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(4)
IOUT refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(6)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as
reduced timing margin.
(7)
Data valid refers to a logic high of +100mV and a logic low of –100mV.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com