Electronic Components Datasheet Search
  English  ▼

X  

ADS5281 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5281 Datasheet HTML 29Page - Texas Instruments ADS5281 Datasheet HTML 30Page - Texas Instruments ADS5281 Datasheet HTML 31Page - Texas Instruments ADS5281 Datasheet HTML 32Page - Texas Instruments ADS5281 Datasheet HTML 33Page - Texas Instruments ADS5281 Datasheet HTML 34Page - Texas Instruments ADS5281 Datasheet HTML 35Page - Texas Instruments ADS5281 Datasheet HTML 36Page - Texas Instruments ADS5281 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
www.ti.com
CLOCK INPUT
5k
W
5k
W
V
CM
CLK
P
CLK
N
V
CM
CLK
P
CLK
N
DifferentialSine-Wave,
PECL,orLVDSClockInput
0.1 F
m
0.1 F
m
CLK
P
CLK
N
CMOSSingle-Ended
Clock
0V
CLK
P
CLK
N
CMOSClockInput
0.1 F
m
0.1 F
m
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
The eight channels on the device operate from a
single ADCLK input. To ensure that the aperture
delay and jitter are the same for all channels, a clock
tree network is used to generate individual sampling
clocks to each channel. The clock paths for all the
channels are matched from the source point to the
sampling circuit. This architecture ensures that the
performance and timing for all channels are identical.
The use of the clock tree for matching introduces an
aperture delay that is defined as the delay between
the rising edge of ADCLK and the actual instant of
sampling. The aperture delays for all the channels
are matched to the best possible extent. A mismatch
of ±20ps (±3
σ) could exist between the aperture
instants of the eight ADCs within the same chip.
Figure 39. Internal Clock Buffer
However, the aperture delays of ADCs across two
different chips can be several hundred picoseconds
apart.
The ADS528x can be made to operate either in
CMOS
single-ended
clock
mode
(default
is
DIFF_CLK = 0) or differential clock mode (SINE,
LVPECL,
or
LVDS).
When
operating
in
the
single-ended clock mode, CLKN must be forced to
0VDC, and the single-ended CMOS applied on the
CLKP pin. This operation is shown in Figure 38.
Figure 40. Differential Clock Driving Circuit
(DIFF_CLK = 1)
Figure 38. Single-Ended Clock Driving Circuit
(DIFF_CLK = 0)
When configured to operate in the differential clock
Figure 41. Single-Ended Clock Driving Circuit
mode (register bit DIFF_CLK = 1) the ADS528x clock
When DIFF_CLK = 1
inputs can be driven differentially (SINE, LVPECL, or
LVDS) with little or no difference in performance
For best performance, the clock inputs must be
between them, or with a single-ended (LVCMOS).
driven differentially in order to reduce susceptibility to
The common-mode voltage of the clock inputs is set
common-mode
noise.
For
high
input
frequency
to VCM using internal 5kΩ resistors, as shown in
sampling, it is recommended to use a clock source
Figure
39.
This
method
allows
using
with very low jitter. Bandpass filtering of the clock
transformer-coupled drive circuits for a sine wave
source can help reduce the effect of jitter. If the duty
clock or ac-coupling for LVPECL and LVDS clock
cycle deviates from 50% by more than 2% or 3%, it is
sources, as shown in Figure 40. When operating in
recommended to enable the DCC through register bit
the differential clock mode, the single-ended CMOS
EN_DCC.
clock can be ac-coupled to the CLKP input, with CLKN
(pin 11) connected to ground with a 0.1
µF capacitor,
as shown in Figure 41.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com