Electronic Components Datasheet Search
  English  ▼

X  

XC9801 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9801
Description  Regulated Voltage Step-Up Charge Pump ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9801 Datasheet HTML 1Page - Torex Semiconductor XC9801 Datasheet HTML 2Page - Torex Semiconductor XC9801 Datasheet HTML 3Page - Torex Semiconductor XC9801 Datasheet HTML 4Page - Torex Semiconductor XC9801 Datasheet HTML 5Page - Torex Semiconductor XC9801 Datasheet HTML 6Page - Torex Semiconductor XC9801 Datasheet HTML 7Page - Torex Semiconductor XC9801 Datasheet HTML 8Page - Torex Semiconductor XC9801 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
XC9801/XC9802 Series
PIN NUMBER
USP-8
MSOP-8A
PIN NAME
FUNCTION
1
1
SENSE
Output Voltage Monitor
2
2
CE
Chip Enable (High Active)
3
3
VIN
Input (Power Supply)
4
4
GND
Ground
5
5
PGND
Power Ground
6
6
C1
−
External Capacitor - Pin
7
7
C1
+
External Capacitor + Pin
8
8
VOUT
Output
SERIES
PULSE SKIP MODE
XC9801
Not Available
XC9802
Available
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
True Logic Level at CE Pin
B
Positive
50
Standard voltage
VOUT=5.0V
→②=5, ③=0
②③
Output Voltage
25 ~ 60
Semi-custom voltage
e.g. VOUT=2.5V
→②=2, ③=5
④
Oscillation Frequency
3
300kHz
KR
MSOP-8A (1,000/Reel)
KR-G
MSOP-8A (1,000/Reel)
DR
USP-8 (3,000/Reel)
⑤⑥-⑦
Packages (Order Unit)
DR-G
USP-8 (3,000/Reel)
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Selection Guide
XC9801/XC9802
①②③④⑤⑥-⑦(*1)
MSOP-8A
(TOP VIEW)
●Ordering Information
Regulated output voltage function cannot be used by the following input voltage condition:
VIN < (VOUT/2), or VIN
≧ VOUT
USP-8
(BOTTOM VIEW)
1 SENSE
2 CE
3 VIN
4 GND
PGND 5
C1- 6
C1+ 7
VOUT 8
PGND 5
VOUT 8
C1- 6
C1+ 7
1
2
3
4
8
7
6
5
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com