Electronic Components Datasheet Search
  English  ▼

X  

XC9801 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9801
Description  Regulated Voltage Step-Up Charge Pump ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9801 Datasheet HTML 1Page - Torex Semiconductor XC9801 Datasheet HTML 2Page - Torex Semiconductor XC9801 Datasheet HTML 3Page - Torex Semiconductor XC9801 Datasheet HTML 4Page - Torex Semiconductor XC9801 Datasheet HTML 5Page - Torex Semiconductor XC9801 Datasheet HTML 6Page - Torex Semiconductor XC9801 Datasheet HTML 7Page - Torex Semiconductor XC9801 Datasheet HTML 8Page - Torex Semiconductor XC9801 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
XC9801/XC9802 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
Regulation Output
IOUT=1mA
4.875
5.000
5.125
V
Load Regulation
△VOUT
Regulation Output
1mA
≦IOUT≦80mA
-100
-
100
mV
Operating Voltage Range
VIN
Doubler Output, VOUT>VIN
×2×0.95
1.8
-
5.5
V
Supply Current
IDD
VIN=3.6V, External Components=CIN only,
SENSE=0V, VOUT=VIN
1
3
6
mA
Stand-by Current
ISTB
CE=0V
-
-
2.0
μA
Oscillation Frequency
FOSC
External Component=CIN only,
SENSE=0V, VOUT open
255
300
345
kHz
Output Impedance
ROUT
Doubler Output
IOUT=10mA
-
20
40
Ω
IIN
Doubler Output
-
5
-
mA
Input Current
IIN2
Regulation Output
-
1.5
-
mA
Voltage Converting Efficiency
VEFFI
Doubler Output
95
99
-
%
EFFI
Doubler Output
IOUT=10mA
73
78
-
%
EFFI2
IOUT=1mA
-
40
-
%
Power Converting Efficiency
EFFI3
Regulation Output
IOUT=80mA
64
69
-
%
CE / ’H’ Level Voltage
VCEH
1.5
-
-
V
CE / ‘L’ Level Voltage
VCEL
-
-
0.25
V
CE / Input Current
ICE
VIN=5.5V, SENSE=0V,
External Components=CIN only
-2.0
-
2.0
μA
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
Regulation Output
IOUT=1mA
4.875
5.000
5.125
V
Load Regulation
△VOUT
Regulation Output
1mA
≦IOUT≦80mA
-100
-
100
mV
Operating Voltage Range
VIN
Doubler Output, VOUT >VIN
×2×0.95
1.8
-
5.5
V
Supply Current
IDD
VIN=3.6V, External Components=CIN only,
SENSE=0V, VOUT=VIN
1
3
6
mA
Stand-by Current
ISTB
CE=0V
-
-
2.0
μA
Oscillation Frequency
FOSC
External Component = CIN only,
SENSE=0V, VOUT open
255
300
345
kHz
Switching Pulse Frequency
FOSC2
Regulation Output
IOUT=1mA
-
10
-
kHz
Output Impedance
ROUT
Doubler Output
IOUT=10mA
-
20
40
Ω
IIN
Doubler Output
-
5
-
mA
Input Current
IIN2
Regulation Output
-
0.08
-
mA
Voltage Converting Efficiency
VEFFI
Doubler Output
98
99
-
%
EFFI
Doubler Output
IOUT=10mA
73
78
-
%
EFFI2
IOUT=1mA
-
59
-
%
Power Converting Efficiency
EFFI3
Regulation Output
IOUT=80mA
64
69
-
%
CE /
‘H’Level Voltage
VCEH
1.5
-
-
V
CE /
‘L’Level Voltage
VCEL
-
-
0.25
V
CE / Input Current
ICE
VIN=5.5V, SENSE=0V,
External Components=CIN only
-2.0
-
2.0
μA
■ELECTRICAL CHARACTERISTICS
XC9801B503KR VOUT=5.0V
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V,
GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
Ta=25
℃
XC9802B503KR VOUT=5.0V
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V,
GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
Ta=25
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com