Electronic Components Datasheet Search
  English  ▼

X  

MIC3203 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3203
Description  High-Brightness LED Driver Controller with High-Side Current Sense
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3203 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3203 Datasheet HTML 1Page - Micrel Semiconductor MIC3203 Datasheet HTML 2Page - Micrel Semiconductor MIC3203 Datasheet HTML 3Page - Micrel Semiconductor MIC3203 Datasheet HTML 4Page - Micrel Semiconductor MIC3203 Datasheet HTML 5Page - Micrel Semiconductor MIC3203 Datasheet HTML 6Page - Micrel Semiconductor MIC3203 Datasheet HTML 7Page - Micrel Semiconductor MIC3203 Datasheet HTML 8Page - Micrel Semiconductor MIC3203 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MIC3203
March 2010
3
M9999-032910-A
Absolute Maximum Ratings (1)
VIN to PGND .................................................. −0.3V to +45V
VCC to PGND ................................................ −0.3V to +6.0V
CS to PGND........................................
−0.3V to (VIN + 0.3V)
EN to AGND........................................
−0.3V to (VIN + 0.3V)
DIM to AGND ......................................
−0.3V to (VIN + 0.3V)
DRV to PGND ....................................
−0.3V to (VCC + 0.3V)
PGND to AGND ..........................................
−0.3V to + 0.3V
Junction Temperature ................................................ 150
°C
Storage Temperature Range ....................
−60°C to +150°C
Lead Temperature (Soldering, 10sec) ....................... 260
°C
ESD Ratings
(3)
HBM...................................................................... 1.5kV
MM.........................................................................200V
Operating Ratings (2)
Supply Voltage (VIN).......................................... 4.5V to 42V
Enable Voltage (VEN) .............................................. 0V to VIN
Dimming Voltage (VDIM).................................................................0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
SOIC (
θJA).......................................................98.9°C/W
SOIC (
θJC).......................................................48.8°C/W
Electrical Characteristics (4)
VIN = VEN = VDIM = 12V; CVCC = 1.0µF; TJ = 25°C, bold values indicate −40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Input Supply
VIN
Input Voltage Range (VIN)
4.5
42
V
IS
Supply Current
DRV = open
1
3
mA
ISD
Shutdown Current
VEN = 0V
1
µA
UVLO
VIN UVLO Threshold
VIN rinsing
3.2
4
4.5
V
UVLOHYS
VIN UVLO Hysteresis
500
mV
VCC Supply
VCC
VCC Output Voltage
VIN = 12V, ICC = 10mA
4.5
5
5.5
V
Current Limit
201.4
212
222.6
mV
VCS(MAX)
Current Sense Upper Threshold
VCS(MAX ) = VIN − VCS
199
212
225
mV
168
177
186
mV
VCS(MIN)
Sense Voltage Threshold Low
VCS(MIN ) = VIN − VCS
165
177
189
mV
VCSHYS
VCS Hysteresis
35
mV
VCS Rising
50
ns
Current Sense Response Time
VCS Falling
70
ns
CS Input Current
VIN − VCS = 220mV
0.5
10
µA
Frequency
FMAX
Switching Frequency
1.5
MHz
Dithering (MIC3203)
VDITH
VCS Hysteresis Dithering Range
(5)
±6
mV
FDITHER
Frequency Dithering Range
(5)
% of Switching Frequency
±12
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com