Electronic Components Datasheet Search
  English  ▼

X  

MIC3203 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3203
Description  High-Brightness LED Driver Controller with High-Side Current Sense
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3203 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3203 Datasheet HTML 1Page - Micrel Semiconductor MIC3203 Datasheet HTML 2Page - Micrel Semiconductor MIC3203 Datasheet HTML 3Page - Micrel Semiconductor MIC3203 Datasheet HTML 4Page - Micrel Semiconductor MIC3203 Datasheet HTML 5Page - Micrel Semiconductor MIC3203 Datasheet HTML 6Page - Micrel Semiconductor MIC3203 Datasheet HTML 7Page - Micrel Semiconductor MIC3203 Datasheet HTML 8Page - Micrel Semiconductor MIC3203 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MIC3203
March 2010
4
M9999-032910-A
Electrical Characteristics (4) (Continued)
VIN = VEN = VDIM = 12V; CVCC = 1.0µF; TJ = 25°C, bold values indicate −40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Enable Input
ENHI
EN Logic Level High
2.0
V
ENLO
EN Logic Level Low
0.4
V
VEN = 12V
60
µA
EN Bias Current
VEN = 0V
1
µA
Start-Up Time
From EN Pin going high to DRV
going high
30
µs
Dimming Input
DIMHI
DIM Logic Level High
2.0
V
DIMLO
DIM Logic Level Low
0.4
V
20
50
DIM Bias Current
VDIM = 0V
1
µA
DIM Delay Time
From DIM Pin going high to DRV
going high
450
ns
FDIM
Maximum Dimming Frequency
20
kHz
External FET Driver
Pull Up, ISOURCE = 10mA
2
DRV On-Resistance
Pull Down, ISINK = -10mA
1.5
Ω
Rise Time, CLOAD = 1000pF
13
DRV Transition Time
Fall Time, CLOAD = 1000pF
7
ns
Thermal Protection
TLIM
Over-Temperature Shutdown
TJ Rising
160
TLIMHYS
Over-Temperature Shutdown Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com