Electronic Components Datasheet Search
  English  ▼

X  

TOP242G Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # TOP242G
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242G Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button TOP242G Datasheet HTML 33Page - Power Integrations, Inc. TOP242G Datasheet HTML 34Page - Power Integrations, Inc. TOP242G Datasheet HTML 35Page - Power Integrations, Inc. TOP242G Datasheet HTML 36Page - Power Integrations, Inc. TOP242G Datasheet HTML 37Page - Power Integrations, Inc. TOP242G Datasheet HTML 38Page - Power Integrations, Inc. TOP242G Datasheet HTML 39Page - Power Integrations, Inc. TOP242G Datasheet HTML 40Page - Power Integrations, Inc. TOP242G Datasheet HTML 41Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
TOP242-249
37
August 8, 2000
E
7/01
I
LIMIT
I
INIT
t
LEB
A
A
ns
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
CIRCUIT PROTECTION
FREQUENCY INPUT
FREQUENCY Pin
Threshold Voltage
FREQUENCY Pin
Input Current
V
F = VC
V
F
I
F
Self Protection
Current Limit
Initial Current Limit
Leading Edge
Blanking Time
See Note B
2.9
V
10
40
100
µA
MULTI-FUNCTION (M), LINE-SENSE (L) AND CURRENT LIMIT (I) INPUTS (cont)
Remote ON Delay
Remote OFF
Setup Time
t
R(ON)
t
R(OFF)
From Remote On to Drain Turn-On
See Note B
Minimum Time Before Drain Turn-On
to Disable Cycle
See Note B
2.5
µs
2.5
µs
TOP242 P/G
TOP242 Y/R
T
J= 25 °C
TOP243 P/G
T
J= 25 °C
TOP243 Y/R
T
J= 25 °C
TOP244 P/G
T
J= 25 °C
TOP244 Y/R
T
J= 25 °C
TOP245 Y/R
T
J= 25 °C
TOP246 Y/R
T
J= 25 °C
TOP247 Y/R
T
J= 25 °C
TOP248 Y/R
T
J= 25 °C
TOP249 Y/R
T
J= 25 °C
See Fig. 52
T
J = 25 °C
≤ 85 VAC
(Rectified Line Input)
265 VAC
(Rectified Line Input)
I
C = 4 mA
Internal; di/dt=90 mA/
µs
See Note C
Internal; di/dt=150 mA/
µs
See Note C
Internal; di/dt=180 mA/
µs
See Note C
Internal; di/dt=200 mA/
µs
See Note C
Internal; di/dt=270 mA/
µs
See Note C
Internal; di/dt=360 mA/
µs
See Note C
Internal; di/dt=540 mA/
µs
See Note C
Internal; di/dt=720 mA/
µs
See Note C
Internal; di/dt=900 mA/
µs
See Note C
Internal;di/dt=1080 mA/
µs
See Note C
0.418
0.45
0.481
0.697
0.75
0.802
0.837
0.90
0.963
0.930
1.00
1.070
1.256
1.35
1.445
1.674
1.80
1.926
2.511
2.70
2.889
3.348
3.60
3.852
4.185
4.50
4.815
5.022
5.40
5.778
0.75 x
I
LIMIT(MIN)
0.6 x
I
LIMIT(MIN)
220
See
Note B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com