Electronic Components Datasheet Search
  English  ▼

X  

TOP242G Datasheet(PDF) 38 Page - Power Integrations, Inc.

Part # TOP242G
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242G Datasheet(HTML) 38 Page - Power Integrations, Inc.

Back Button TOP242G Datasheet HTML 34Page - Power Integrations, Inc. TOP242G Datasheet HTML 35Page - Power Integrations, Inc. TOP242G Datasheet HTML 36Page - Power Integrations, Inc. TOP242G Datasheet HTML 37Page - Power Integrations, Inc. TOP242G Datasheet HTML 38Page - Power Integrations, Inc. TOP242G Datasheet HTML 39Page - Power Integrations, Inc. TOP242G Datasheet HTML 40Page - Power Integrations, Inc. TOP242G Datasheet HTML 41Page - Power Integrations, Inc. TOP242G Datasheet HTML 42Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
TOP242-249
38
E
7/01
August 8, 2000
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
OUTPUT
CIRCUIT PROTECTION (cont)
t
IL(D)
V
C(RESET)
100
130
140
150
75
1.75
3.0
4.25
ns
°C
°C
V
Current Limit Delay
Thermal Shutdown
Temperature
Thermal Shutdown
Hysteresis
Power-up Reset
Threshold Voltage
I
C = 4 mA
Figure 53, S1 Open
R
DS(ON)
ON-State
Resistance
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
TOP242
I
D = 50 mA
TOP243
I
D = 100 mA
TOP244
I
D = 150 mA
TOP245
I
D = 200 mA
TOP246
I
D = 300 mA
TOP247
I
D = 400 mA
TOP248
I
D = 500 mA
TOP249
I
D = 600 mA
15.6
18.0
25.7
30.0
7.80
9.00
12.9
15.0
5.20
6.00
8.60
10.0
3.90
4.50
6.45
7.50
2.60
3.00
4.30
5.00
1.95
2.25
3.22
3.75
1.56
1.80
2.58
3.00
1.30
1.50
2.15
2.50
Ω
Measured in a Typical
Flyback Converter Application
Off-State
Current
Breakdown
Voltage
Rise
Time
Fall
Time
I
DSS
BV
DSS
t
R
t
F
400
µA
700
V
100
ns
50
ns
V
L, VM = Floating; IC = 4mA
V
DS = 560 V; TJ = 125 °C
V
L, VM = Floating; IC = 4mA
I
D = 100 µA; TJ = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com