Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology LTM2882 Datasheet HTML 14Page - Linear Technology LTM2882 Datasheet HTML 15Page - Linear Technology LTM2882 Datasheet HTML 16Page - Linear Technology LTM2882 Datasheet HTML 17Page - Linear Technology LTM2882 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTM2882
18
2882fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0310 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 μModule Transceiver with
Integrated DC/DC Converter
20Mbps, 15kV HBM ESD, 2500VRMS Isolation with Power
LTC2804
1Mbps RS232 Transceiver
Dual Channel, Full-Duplex, 10kV HBM ESD
LTC1535
Isolated RS485 Transceiver
2500 VRMS Isolation with External Transformer Driver
Figure 15. Isolated Gate Drive with Overcurrent Detection
Figure 13. Isolated RS232 Interface with Handshaking
Figure 14. Isolated Dual Inverting Level Translator
2882 F14
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
VL
VCC
VCC2
GND
GND2
+VS
3k
IRLML2402
IRLML6402
470pF
1k
1k
3.3V (LTM2882-3)
5V (LTM2882-5)
RESET
FAULT
PWMA
PWMB
RILIM = 0.6/MAX CURRENT
47pF
CMPT2369-LTV
3k
LOGIC
LEVEL
FETS
2882 F12
ON
DIN
T1IN
R2OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
μC
PERIPHERAL
VL
VCC
RX
TX
RTS
CTS
TXD
RXD
PY
PZ
VCC2
GND
GND2
3.3V (LTM2882-3)
5V (LTM2882-5)
2882 F13
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
VL
VCC
GND
3.3V (LTM2882-3)
5V (LTM2882-5)
GND2
1.62V TO 5.5V
ON
OFF
VL
0V
VL
0V
–25V TO 0V
3V TO 25V
–25V TO 0V
3V TO 25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com