Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 5 Page - Linear Technology

  LTM2882 Datasheet HTML 1Page - Linear Technology LTM2882 Datasheet HTML 2Page - Linear Technology LTM2882 Datasheet HTML 3Page - Linear Technology LTM2882 Datasheet HTML 4Page - Linear Technology LTM2882 Datasheet HTML 5Page - Linear Technology LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTM2882
5
2882fa
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Current vs Load
Capacitance (Dual Transceiver)
VCC Supply Current vs Data Rate
(Dual Transceiver)
Driver Short-Circuit Current
vs Temperature
Receiver Input Threshold
vs Temperature
VCC Supply Current
vs Temperature
VCC Supply Current
vs Temperature
TA = 25°C, LTM2882-3 VCC = 3.3V, LTM2882-5
VCC = 5V, VL = 3.3V, and GND = GND2 = 0V, ON = VL unless otherwise noted.
TEMPERATURE (°C)
–50
30
25
15
20
10
50
0
100
2882 G01
125
25
–25
75
NO LOAD
VCC = 3.3V
LTM2882-3
VCC = 5.0V
LTM2882-5
TEMPERATURE (°C)
–50
70
60
40
35
45
55
65
50
30
50
0
100
2882 G02
125
25
–25
75
T1OUT AND T2OUT
BAUD = 100kbps
RL = 3k, CL = 2.5nF
VCC = 3.3V
LTM2882-3
VCC = 5.0V
LTM2882-5
LOAD CAPACITANCE (nF)
0
100
250kbps, LTM2882-3
100kbps, LTM2882-3
19.2kbps, LTM2882-3
19.2kbps, LTM2882-5
250kbps, LTM2882-5
100kbps, LTM2882-5
80
40
50
30
70
90
60
20
12
2882 G03
2.5
0.5
1.5
DATA RATE (kbps)
0
140
100
40
80
120
60
20
400
800
2882 G04
1000
200
600
5.0V CL = 1nF
5.0V CL = 250pF
3.3V CL = 1nF
3.3V CL = 250pF
TEMPERATURE (°C)
–50
3.0
2.0
0.5
1.5
2.5
1.0
0
50
0
100
2882 G05
125
INPUT LOW
25
–25
75
INPUT HIGH
LOAD CAPACITANCE (nF)
0
70
50
10
20
40
60
30
0
4
2
2882 G06
5
3
1
FALLING
RISING
TEMPERATURE (°C)
–50
50
40
25
20
15
35
45
30
10
0
50
75
100
2882 G07
125
–25
25
SOURCING
SINKING
Driver Slew Rate
vs Load Capacitance
Receiver Output Voltage
vs Load Current
LOAD CURRENT(mA)
0
6
1
2
4
5
3
0
8
4
2882 G09
10
6
2
VL = 5.5V
VL = 3.3V
VL = 1.62V
Driver Disabled Leakage Current
vs Temperature at ±15V
TEMPERATURE (°C)
–50
1000
10
0.01
1
100
0.1
0.001
0
50
75
100
2882 G08
125
–25
25
VTOUT = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com