Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3050
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3050 Datasheet HTML 15Page - Linear Technology LT3050 Datasheet HTML 16Page - Linear Technology LT3050 Datasheet HTML 17Page - Linear Technology LT3050 Datasheet HTML 18Page - Linear Technology LT3050 Datasheet HTML 19Page - Linear Technology LT3050 Datasheet HTML 20Page - Linear Technology LT3050 Datasheet HTML 21Page - Linear Technology LT3050 Datasheet HTML 22Page - Linear Technology LT3050 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT3050 Series
19
3050fa
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3050 F04
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3050 F05
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 4. Ceramic Capacitor DC Bias Characteristics
Figure 5. Ceramic Capacitor Temperature Characteristics
Start-up time is also affected by the presence of a feed-
forward capacitor. Start-up time is directly proportional to
the size of the feedforward capacitor and the output volt-
age, and is inversely proportional to the feedback resistor
divider current, slowing to 15ms with a 4.7nF feedforward
capacitor and a 10μF output capacitor for an output voltage
set to 5V by a 5μA feedback resistor divider.
Output Capacitance
The LT3050 regulator is stable with a wide range of output
capacitors. The ESR of the output capacitor affects stability,
most notably with small capacitors. Use a minimum output
capacitor of 2.2μF with an ESR of 3Ω or less to prevent
oscillations. If a feedforward capacitor is used with output
voltages set for greater than 24V, use a minimum output
capacitor of 4.7μF. The LT3050 is a micropower device
and output load transient response is a function of output
capacitance. Larger values of output capacitance decrease
the peak deviations and provide improved transient re-
sponse for larger load current changes. Bypass capacitors,
used to decouple individual components powered by the
LT3050, increase the effective output capacitor value. For
applications with large load current transients, a low ESR
ceramic capacitor in parallel with a bulk tantalum capacitor
often provides an optimally damped response.
Give extra consideration to the use of ceramic capacitors.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
are specified with EIA temperature characteristic codes
of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit strong voltage and temperature coefficients, as
shown in Figures 4 and 5. When used with a 5V regulator,
a 16V 10μF Y5V capacitor can exhibit an effective value
as low as 1μF to 2μF for the DC bias voltage applied, and
over the operating temperature range. The X5R and X7R
dielectrics yield much more stable characteristics and are
more suitable for use as the output capacitor.
The X7R type works over a wider temperature range and
has better temperature stability, while the X5R is less
expensive and is available in higher values. Care still must
be exercised when using X5R and X7R capacitors; the X5R
and X7R codes only specify operating temperature range
and maximum capacitance change over temperature.
Capacitance change due to DC bias with X5R and X7R
capacitors is better than Y5V and Z5U capacitors, but can
still be significant enough to drop capacitor values below
appropriate levels. Capacitor DC bias characteristics tend
to improve as component case size increases, but expected
capacitance at operating voltage should be verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com