Electronic Components Datasheet Search
  English  ▼

X  

LT3050 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3050
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3050 Datasheet HTML 18Page - Linear Technology LT3050 Datasheet HTML 19Page - Linear Technology LT3050 Datasheet HTML 20Page - Linear Technology LT3050 Datasheet HTML 21Page - Linear Technology LT3050 Datasheet HTML 22Page - Linear Technology LT3050 Datasheet HTML 23Page - Linear Technology LT3050 Datasheet HTML 24Page - Linear Technology LT3050 Datasheet HTML 25Page - Linear Technology LT3050 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT3050 Series
22
3050fa
Figure 7. Reverse Output Current
VOUT (V)
1.0
0.3
0.6
0.7
0.8
0.9
0.4
0.5
0.1
0.2
3050 F07
0
0
1020304050
ALL PINS GROUNDED EXCEPT FOR OUT
The LT3050 IN pin withstands reverse voltages of 50V. The
device limits current flow to less than 300μA (typically less
than 10μA) and no negative voltage appears at OUT. The
device protects both itself and the load against batteries
that are plugged in backwards.
The SHDN pin cannot be driven below GND unless tied
to the IN pin. If the SHDN pin is driven below GND while
IN is powered, the output may turn on. SHDN pin logic
cannot be referenced to a negative rail.
The LT3050 incurs no damage if its output is pulled be-
low ground. If the input is left open-circuit or grounded,
APPLICATIONS INFORMATION
the output can be pulled below ground by 50V. No cur-
rent flows through the pass transistor from the output.
However, current flows in (but is limited by) the resistor
divider that sets the output voltage. Current flows from
the bottom resistor in the divider and from the ADJ pin’s
internal clamp through the top resistor in the divider to
the external circuitry pulling OUT below ground. If the
input is powered by a voltage source, the output sources
current equal to its current limit capability and the LT3050
protects itself by thermal limiting. In this case, grounding
the SHDN pin turns off the device and stops the output
from sourcing current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com