Electronic Components Datasheet Search
  English  ▼

X  

LT3085EDCB Datasheet(PDF) 7 Page - Linear Technology

Part # LT3085EDCB
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3085EDCB Datasheet HTML 3Page - Linear Technology LT3085EDCB Datasheet HTML 4Page - Linear Technology LT3085EDCB Datasheet HTML 5Page - Linear Technology LT3085EDCB Datasheet HTML 6Page - Linear Technology LT3085EDCB Datasheet HTML 7Page - Linear Technology LT3085EDCB Datasheet HTML 8Page - Linear Technology LT3085EDCB Datasheet HTML 9Page - Linear Technology LT3085EDCB Datasheet HTML 10Page - Linear Technology LT3085EDCB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3085
7
3085fb
TYPICAL PERFORMANCE CHARACTERISTICS
Error Amplifier Gain and Phase
FREQUENCY (Hz)
10
9
15
21
100k
3085 G28
3
–3
6
12
18
0
–6
–9
–72
72
216
–216
–360
–144
0
144
–288
–432
–504
100
1k
10k
1M
ILOAD = 500mA
ILOAD = 100mA
ILOAD = 100mA
ILOAD = 500mA
Ripple Rejection - SET Pin Current
FREQUENCY (Hz)
0
60
150
10k
100k
100
10
1k
1M
3085 G29
30
90
120
45
135
15
75
105
CSET = 0.1μF
CSET = 0
RSET = 100k
VIN = VCONTROL = VOUT (NOMINAL) +2V
RIPPLE = 50mVP–P
PIN FUNCTIONS
VCONTROL (Pin 4/Pin 5): This pin is the supply pin for the
control circuitry of the device. The current flow into this
pin is about 1.7% of the output current. For the device to
regulate, this voltage must be more than 1.2V to 1.35V
greater than the output voltage (see VCONTROL Dropout
Voltage in the Electrical Characteristics table and graphs
in the Typical Performance Characteristics). The LT3085
requires a bypass capacitor at VCONTROL if more than six
inches away from the main input filter capacitor. The output
impedance of a battery rises with frequency, so include
a bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1μF to 10μF suffices.
IN (Pins 5, 6/Pins 7, 8): This is the collector to the power
device of the LT3085. The output load current is supplied
through this pin. For the device to regulate, the voltage at
this pin must be more than 0.1V to 0.5V greater than the
output voltage (see VIN Dropout Voltage in the Electrical
Characteristics table and graphs in the Typical Perfor-
mance Characteristics). The LT3085 requires a bypass
capacitor at IN if more than six inches away from the main
input filter capacitor. The output impedance of a battery
rises with frequency, so include a bypass capacitor in
battery-powered circuits. A bypass capacitor in the range
of 1μF to 10μF suffices.
NC (NA/Pin 6): No Connection. The No Connect pin has
no connection to internal circuitry and may be tied to VIN,
VCONTROL, VOUT, GND, or floated.
OUT (Pins 1, 2/Pins 1, 2, 3): This is the power output
of the device. There must be a minimum load current of
1mA or the output may not regulate. A minimum 2.2μF
output capacitor is required for stability.
SET (Pin 3/Pin 4): This pin is the non-inverting input to the
error amplifier and the regulation set point for the device.
A fixed current of 10μA flows out of this pin through a
single external resistor, which programs the output voltage
of the device. Output voltage range is zero to the absolute
maximum rated output voltage. Transient performance can
be improved and output noise can be decreased by adding
a small capacitor from the SET pin to ground.
Exposed Pad (Pin 7/Pin 9): OUT. Tie directly to Pins 1, 2/
Pins 2, 3 directly at the PCB.
(DCB/MS8E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com