Electronic Components Datasheet Search
  English  ▼

X  

LT3085EDCB Datasheet(PDF) 3 Page - Linear Technology

Part # LT3085EDCB
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085EDCB Datasheet(HTML) 3 Page - Linear Technology

  LT3085EDCB Datasheet HTML 1Page - Linear Technology LT3085EDCB Datasheet HTML 2Page - Linear Technology LT3085EDCB Datasheet HTML 3Page - Linear Technology LT3085EDCB Datasheet HTML 4Page - Linear Technology LT3085EDCB Datasheet HTML 5Page - Linear Technology LT3085EDCB Datasheet HTML 6Page - Linear Technology LT3085EDCB Datasheet HTML 7Page - Linear Technology LT3085EDCB Datasheet HTML 8Page - Linear Technology LT3085EDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3085
3
3085fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. Unless otherwise specified, all voltages are with respect to VOUT.
The LT3085 is tested and specified under pulse load conditions such that
TJ ≅ TA. The LT3085E is 100% tested at TA = 25°C. Performance of the
LT3085E over the full –40°C to 125°C operating junction temperature
range is assured by design, characterization, and correlation with
statistical process controls. The LT3085I regulators are guaranteed
over the full –40°C to 125°C operating junction temperature range. The
LT3085 (MP grade) is 100% tested and guaranteed over the –55°C to
125°C operating junction temperature range.
Note 3. Minimum load current is equivalent to the quiescent current of
the part. Since all quiescent and drive current is delivered to the output
of the part, the minimum load current is the minimum current required to
maintain regulation.
Note 4. For the LT3085, dropout is caused by either minimum control
voltage (VCONTROL) or minimum input voltage (VIN). Both parameters are
specified with respect to the output voltage. The specifications represent
the minimum input-to-output differential voltage required to maintain
regulation.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SET Pin Current
ISET VIN = 1V, VCONTROL = 2V, ILOAD = 1mA, TJ = 25°C
VIN ≥ 1V, VCONTROL ≥ 2V, 1mA ≤ ILOAD ≤ 500mA (Note 9)
l
9.9
9.8
10
10
10.1
10.2
μA
μA
Output Offset Voltage (VOUT – VSET)
VOS VIN = 1V, VCONTROL = 2V, ILOAD = 1mA, TJ = 25°C
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
l
–1.5
–3
1.5
3
mV
mV
Load Regulation
ΔISET
ΔVOS
ΔILOAD = 1mA to 500mA
ΔILOAD = 1mA to 500mA (Note 8)
l
–0.1
–0.6
–1
nA
mV
Line Regulation
ΔISET
ΔVOS
ΔVIN = 1V to 36V, ΔVCONTROL = 2V to 36V, ILOAD = 1mA
ΔVIN = 1V to 36V, ΔVCONTROL = 2V to 36V, ILOAD = 1mA
0.1
0.003
0.5
nA/V
mV/V
Minimum Load Current (Notes 3, 9)
VIN = VCONTROL = 10V
VIN = VCONTROL = 36V
l
l
300
500
1
μA
mA
VCONTROL Dropout Voltage (Note 4)
ILOAD = 100mA
ILOAD = 500mA
l
1.2
1.35
1.6
V
V
VIN Dropout Voltage (Note 4)
ILOAD = 100mA
ILOAD = 500mA
l
l
85
275
150
450
mV
mV
VCONTROL Pin Current (Note 5)
ILOAD = 100mA
ILOAD = 500mA
l
l
3
8
6
15
mA
mA
Current Limit (Note 9)
VIN = 5V, VCONTROL = 5V, VSET = 0V, VOUT = –0.1V
l
500
650
mA
Error Amplifier RMS Output Noise (Note 6)
ILOAD = 500mA, 10Hz ≤ f ≤ 100kHz, COUT = 10μF, CSET = 0.1μF
33
μVRMS
Reference Current RMS Output Noise (Note 6) 10Hz ≤ f≤ 100kHz
0.7
nARMS
Ripple Rejection
f = 120Hz, VRIPPLE = 0.5VP-P, ILOAD = 0.1A, CSET = 0.1μF, COUT = 2.2μF
f=10kHz
f=1MHz
90
75
20
dB
dB
dB
Thermal Regulation, ISET
10ms Pulse
0.003
%/W
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).
Note 5. The VCONTROL pin current is the drive current required for the
output transistor. This current will track output current with roughly a 1:60
ratio. The minimum value is equal to the quiescent current of the device.
Note 6. Output noise is lowered by adding a small capacitor across the
voltage setting resistor. Adding this capacitor bypasses the voltage setting
resistor shot noise and reference current noise; output noise is then equal
to error amplifier noise (see Applications Information section).
Note 7. The SET pin is clamped to the output with diodes through 1k
resistors. These resistors and diodes will only carry current under
transient overloads.
Note 8. Load regulation is Kelvin sensed at the package.
Note 9. Current limit includes foldback protection circuitry. Current limit
decreases at higher input-to-output differential voltages. See the Typical
Performance Characteristics graphs for more information.
Note 10. This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when over-temperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com