Electronic Components Datasheet Search
  English  ▼

X  

LT3956 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3956
Description  80VIN, 80VOUT Constant-Current, Constant-Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3956 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3956 Datasheet HTML 12Page - Linear Technology LT3956 Datasheet HTML 13Page - Linear Technology LT3956 Datasheet HTML 14Page - Linear Technology LT3956 Datasheet HTML 15Page - Linear Technology LT3956 Datasheet HTML 16Page - Linear Technology LT3956 Datasheet HTML 17Page - Linear Technology LT3956 Datasheet HTML 18Page - Linear Technology LT3956 Datasheet HTML 19Page - Linear Technology LT3956 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT3956

3956f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
package DescripTion
5.00 0.10
6.00 0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 0.10
1
36
35
30 31 32
33 34
28
20
21
23
24
25
27
2
3
4
6
8
9
10
12
13
14
15
16
17
BOTTOM VIEW—EXPOSED PAD
2.00 REF
1.50 REF
0.75 0.05
R = 0.125
TYP
R = 0.10
TYP
PIN 1 NOTCH
R = 0.30 OR
0.35 45
CHAMFER
0.25 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UHE28MA) QFN 0110 REV C
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 0.05
4.10 0.05
5.50 0.05
PACKAGE OUTLINE
1.88 0.10
1.53 0.10
2.00 REF
1.50 REF
5.10 0.05
6.50 0.05
UHE Package
Variation: UHE28MA
36-Lead Plastic QFN (5mm 6mm)
(Reference LTC DWG # 05-08-1836 Rev C)
3.00 0.10
3.00 0.10
0.12
0.10
1.88
0.05
1.53
0.05
3.00 0.05
3.00 0.05
0.48 0.05
0.12
0.05
0.48 0.10
0.25 0.05
0.50 BSC
10
1
2
3
4
6
8
9
17
20
21
23
24
25
27
28
30
31
32
33
34
35
36
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com