Electronic Components Datasheet Search
  English  ▼

X  

LT3956 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3956
Description  80VIN, 80VOUT Constant-Current, Constant-Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3956 Datasheet(HTML) 3 Page - Linear Technology

  LT3956 Datasheet HTML 1Page - Linear Technology LT3956 Datasheet HTML 2Page - Linear Technology LT3956 Datasheet HTML 3Page - Linear Technology LT3956 Datasheet HTML 4Page - Linear Technology LT3956 Datasheet HTML 5Page - Linear Technology LT3956 Datasheet HTML 6Page - Linear Technology LT3956 Datasheet HTML 7Page - Linear Technology LT3956 Datasheet HTML 8Page - Linear Technology LT3956 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3956

3956f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, EN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SW Pin Leakage
SW = 48V
5
10
µA
SW Pin Current Limit
l
3.3
3.9
4.6
A
SW Pin Voltage Drop
I(SW) = 2A
220
mV
SS Pull-Up Current
Current Out of Pin
8
10
13
µA
Error Amplifier
Full-Scale Current Sense Threshold ( V(ISP–ISN))
FB = 0V, ISP = 48V, CTRL ≥ 1.2V
l
240
250
257
mV
Current Sense Threshold at CTRL = 1V ( V(ISP–ISN))
CTRL = 1V, FB = 0V, ISP = 48V
l
217
225
231
mV
Current Sense Threshold at CTRL = 0.5V ( V(ISP–ISN))
CTRL = 0.5V
l
96
100
103
mV
Current Sense Threshold at CTRL = 0.1V ( V(ISP–ISN))
CTRL = 0.1V, FB = 0V, ISP = 48V
l
–2.5
0
4.5
mV
CTRL Range for Current Sense Threshold Adjustment
0
1.1
V
CTRL Input Bias Current
Current Out of Pin, CTRL = 0V
50
100
nA
Current Sense Amplifier Input Common Mode
Range ( VISN)
2.9
80
V
ISP/ISN Short-Circuit Threshold ( V(ISP–ISN))
ISN = 0V
300
335
370
mV
ISP/ISN Short-Circuit Fault Sensing Common Mode
Range ( VISN)
0
3
V
ISP/ISN Input Bias Current (Combined)
PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
80
0
0.1
µA
µA
LED Current Sense Amplifier gm
120
µS
VC Output Impedance
1V < VC < 2V
15000
kΩ
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
ISP = ISN = 0V, 48V
l
1.220
1.232
1.250
1.250
1.270
1.265
V
V
FB Amplifier gm
FB = VFB, ISP = ISN
480
µS
FB Pin Input Bias Current
Current Out of Pin, FB = 1V
40
100
nA
FB Voltage Loop Active Threshold
VMODE Falling
VFB –
65mV
VFB –
50mV
VFB –
40mV
V
FB Overvoltage Threshold
PWMOUT Falling
VFB + 50mV VFB +
60mV
VFB +
80mV
V
Oscillator
Switching Frequency
RT = 100k
RT = 10k
l
90
925
100
1000
125
1050
kHz
kHz
SW Minimum Off-Time
170
ns
SW Minimum On-Time
200
ns
Linear Regulator
INTVCC Regulation Voltage
7
7.15
7.3
V
Dropout (VIN – INTVCC)
IINTVCC = –10mA, VIN = 7V
1
V
INTVCC Undervoltage Lockout
l
4.1
4.4
V
INTVCC Current Limit
14
17
25
mA
INTVCC Current in Shutdown
EN/UVLO = 0V, INTVCC = 7V
8
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com