Electronic Components Datasheet Search
  English  ▼

X  

LT3970 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3970
Description  40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3970 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3970 Datasheet HTML 9Page - Linear Technology LT3970 Datasheet HTML 10Page - Linear Technology LT3970 Datasheet HTML 11Page - Linear Technology LT3970 Datasheet HTML 12Page - Linear Technology LT3970 Datasheet HTML 13Page - Linear Technology LT3970 Datasheet HTML 14Page - Linear Technology LT3970 Datasheet HTML 15Page - Linear Technology LT3970 Datasheet HTML 16Page - Linear Technology LT3970 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT3970/LT3970-3.3/LT3970-5
13
3970fa
operates at a lower current limit during Burst Mode
operation, the noise is typically very quiet to a casual ear.
If this is unacceptable, use a high performance tantalum
or electrolytic capacitor at the output.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT3970. As pre-
viously mentioned, a ceramic input capacitor combined
with trace or cable inductance forms a high quality (under
damped) tank circuit. If the LT3970 circuit is plugged into a
live supply, the input voltage can ring to twice its nominal
value, possibly exceeding the LT3970’s rating. This situation
is easily avoided (see the Hot Plugging Safely section).
Low Ripple Burst Mode Operation
To enhance efficiency at light loads, the LT3970 operates
in low ripple Burst Mode operation which keeps the output
capacitor charged to the proper voltage while minimizing
the input quiescent current. During Burst Mode opera-
tion, the LT3970 delivers single cycle bursts of current to
the output capacitor followed by sleep periods where the
output power is delivered to the load by the output capaci-
tor. Because the LT3970 delivers power to the output with
single, low current pulses, the output ripple is kept below
5mV for a typical application. See Figure 2.
As the load current decreases towards a no load condition,
the percentage of time that the LT3970 operates in sleep
mode increases and the average input current is greatly
reduced resulting in high efficiency even at very low loads.
Note that during Burst Mode operation, the switching
frequency will be lower than the programmed switching
frequency. See Figure 3.
At higher output loads (above ~45mA for the front page
application) the LT3970 will be running at the frequency
programmed by the RT resistor, and will be operating in
standard PWM mode. The transition between PWM and
low ripple Burst Mode is seamless, and will not disturb
the output voltage.
BOOST and BD Pin Considerations
Capacitor C3 and the internal boost Schottky diode (see the
Block Diagram) are used to generate a boost voltage that
is higher than the input voltage. In most cases a 0.22μF
capacitor will work well. Figure 4 shows two ways to ar-
range the boost circuit. The BOOST pin must be more than
1.9V above the SW pin for best efficiency. For outputs of
2.2V and above, the standard circuit (Figure 4a) is best.
For outputs between 2.2V and 2.5V, use a 0.47μF boost
capacitor. For output voltages below 2.2V, the boost diode
can be tied to the input (Figure 4b), or to another external
supply greater than 2.2V. However, the circuit in Figure 4a
is more efficient because the BOOST pin current and BD
pin quiescent current come from a lower voltage source.
Also, be sure that the maximum voltage ratings of the
BOOST and BD pins are not exceeded.
The minimum operating voltage of an LT3970 application
is limited by the minimum input voltage (4.2V) and by the
maximum duty cycle as outlined in a previous section. For
output voltages greater than 3.4V, the minimum input volt-
age is also limited by the boost circuit for proper start-up.
If the input voltage is ramped slowly, the boost capacitor
APPLICATIONS INFORMATION
Figure 2. Burst Mode Operation
Figure 3. Switching Frequency in Burst Mode Operation
VOUT
5mV/DIV
VSW
5V/DIV
IL
100mA/DIV
2μs/DIV
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
ILOAD = 10mA
3970 F02
LOAD CURRENT (mA)
0
400
500
700
150
250
3070 F03
300
200
50
100
200
300
350
100
0
600
FRONT PAGE APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com