Electronic Components Datasheet Search
  English  ▼

X  

LT3970 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3970
Description  40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3970 Datasheet(HTML) 4 Page - Linear Technology

  LT3970 Datasheet HTML 1Page - Linear Technology LT3970 Datasheet HTML 2Page - Linear Technology LT3970 Datasheet HTML 3Page - Linear Technology LT3970 Datasheet HTML 4Page - Linear Technology LT3970 Datasheet HTML 5Page - Linear Technology LT3970 Datasheet HTML 6Page - Linear Technology LT3970 Datasheet HTML 7Page - Linear Technology LT3970 Datasheet HTML 8Page - Linear Technology LT3970 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3970/LT3970-3.3/LT3970-5
4
3970fa
TYPICAL PERFORMANCE CHARACTERISTICS
No-Load Supply Current
Efficiency, VOUT = 3.3V
Efficiency, VOUT = 5V
LT3970 Feedback Voltage
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
50
70
90
40
60
80
0.01
1
10
100
3970 G01
30
20
0.1
VIN = 12V
FRONT PAGE APPLICATION
VOUT = 3.3V
R1 = 1M
R2 = 576k
VIN = 36V
VIN = 24V
LOAD CURRENT (mA)
50
70
90
40
60
80
0.01
1
10
100
3970 G02
30
0.1
VIN = 12V
FRONT PAGE APPLICATION
VIN = 36V
VIN = 24V
TEMPERATURE (°C)
–50
1.210
1.215
1.220
25
75
150
3970 G03
1.205
1.200
1.195
–25
0
50
100 125
INPUT VOLTAGE (V)
1.5
2.0
2.5
3.0
10
20
30
40
3970 G04
3.5
4.0
515
25
35
FRONT PAGE APPLICATION
VOUT = 3.3V
R1 = 1MΩ
R2 = 576k
LT3970-5
LT3970-3.3
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3970E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3970I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3970H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: Bias current flows into the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
TEMPERATURE (°C)
–50
3.30
3.31
3.32
25
75
150
3970 G03a
3.29
3.28
3.27
–25
0
50
100 125
TEMPERATURE (°C)
–50
5.00
5.02
5.04
25
75
150
3970 G03b
4.98
4.96
4.94
–25
0
50
100 125
LT3970-5 Output Voltage
LT3970-3.3 Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com