Electronic Components Datasheet Search
  English  ▼

X  

LTC3614 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3614
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614 Datasheet(HTML) 2 Page - Linear Technology

  LTC3614 Datasheet HTML 1Page - Linear Technology LTC3614 Datasheet HTML 2Page - Linear Technology LTC3614 Datasheet HTML 3Page - Linear Technology LTC3614 Datasheet HTML 4Page - Linear Technology LTC3614 Datasheet HTML 5Page - Linear Technology LTC3614 Datasheet HTML 6Page - Linear Technology LTC3614 Datasheet HTML 7Page - Linear Technology LTC3614 Datasheet HTML 8Page - Linear Technology LTC3614 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3614
2
3614f
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN Voltages...................................... –0.3V to 6V
SW Voltage ..................................–0.3V to (PVIN + 0.3V)
ITH, RT/SYNC Voltages ............... –0.3V to (SVIN + 0.3V)
SRLIM, TRACK/SS Voltages ....... –0.3V to (SVIN + 0.3V)
MODE, RUN, VFB Voltages .......... –0.3V to (SVIN + 0.3V)
PGOOD Voltage............................................ –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 11).......................................... –40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
(Note 1)
TOP VIEW
25
PGND
UDD PACKAGE
24-LEAD (3mm
5mm) PLASTIC QFN
SRLIM/DDR
RT/SYNC
SGND
PVIN
SW
SW
SW
SW
PGOOD
RUN
SVIN
PVIN
SW
SW
SW
SW
6
5
4
3
2
1
7
8
15
16
17
18
19
20
14
13
910 11 12
24 23 22 21
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3614EUDD#PBF
LTC3614EUDD#TRPBF
LFVM
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3614IUDD#PBF
LTC3614IUDD#TRPBF
LFVM
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com