Electronic Components Datasheet Search
  English  ▼

X  

LTC3614 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3614
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614 Datasheet(HTML) 3 Page - Linear Technology

  LTC3614 Datasheet HTML 1Page - Linear Technology LTC3614 Datasheet HTML 2Page - Linear Technology LTC3614 Datasheet HTML 3Page - Linear Technology LTC3614 Datasheet HTML 4Page - Linear Technology LTC3614 Datasheet HTML 5Page - Linear Technology LTC3614 Datasheet HTML 6Page - Linear Technology LTC3614 Datasheet HTML 7Page - Linear Technology LTC3614 Datasheet HTML 8Page - Linear Technology LTC3614 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3614
3
3614f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA ≈ TJ = 25°C. VIN = 3.3V, RT/SYNC = SVIN unless otherwise specified (Notes 1, 2, 11).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
l
2.25
5.5
V
VUVLO
Undervoltage Lockout Threshold
SVIN Ramping Down
SVIN Ramping Up
l
l
1.7
2.25
V
V
VFB
Feedback Voltage Internal Reference
(Note 3) VTRACK = SVIN, VDDR = 0V
0°C < TJ < 85°C
–40°C < TJ < 125°C
l
0.594
0.591
0.6
0.606
0.609
V
V
Feedback Voltage External Reference
(Note 7)
(Note 3) VTRACK = 0.3V, VDDR = SVIN
0.288
0.300
0.312
V
(Note 3) VTRACK = 0.5V, VDDR = SVIN
0.488
0.500
0.512
V
IFB
Feedback Input Current
VFB = 0.6V
l
±30
nA
ΔVLINEREG
Line Regulation
SVIN = PVIN = 2.25V to 5.5V
(Notes 3, 4) TRACK/SS = SVIN
l
0.2
%/V
ΔVLOADREG
Load Regulation
ITH from 0.5V to 0.9V (Notes 3, 4)
VITH = SVIN (Note 5)
0.25
2.6
%
%
IS
Active Mode Supply Current
VFB = 0.5V, VMODE = SVIN (Note 6)
1100
μA
Sleep Mode Supply Current
VFB = 0.7V, VMODE = 0V, ITH = SVIN
(Note 5)
75
100
μA
VFB = 0.7V, VMODE = 0V (Note 4)
130
175
μA
Shutdown Current
SVIN = PVIN = 5.5V, VRUN = 0V
0.1
1
μA
RDS(ON)
Top Switch On-Resistance
PVIN = 3.3V (Note 10)
35
mΩ
Bottom Switch On-Resistance
PVIN = 3.3V (Note 10)
25
mΩ
ILIM
Top Switch Current Limit
Sourcing (Note 8), VFB = 0.5V
Duty Cycle <35%
Duty Cycle = 100%
7.5
5.3
9
10.5
A
A
Bottom Switch Current Limit
Sinking (Note 8), VFB = 0.7V,
Forced Continuous Mode
–6
–8
–11
A
gm(EA)
Error Amplifier Transconductance
–5μA < IITH < 5μA (Note 4)
200
μS
IEAO
Error Amplifier Maximum Output
Current
(Note 4)
±30
μA
tSS
Internal Soft-Start Time
VFB from 0.06V to 0.54V,
TRACK/SS = SVIN
0.65
1.2
1.9
ms
VTRACK/SS
Enable Internal Soft-Start
(Note 7 )
0.62
V
tTRACK/SS_DIS
Soft-Start Discharge Time at Start-Up
60
μs
RON(TRACK/SS_DIS) TRACK/SS Pull-Down Resistor at
Start-Up
200
Ω
fOSC
Oscillator Frequency
RT/SYNC = 370k
l
0.8
1
1.2
MHz
Internal Oscillator Frequency
VRT/SYNC = SVIN
l
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency Range
0.3
4
MHz
VRT/SYNC
SYNC Input Threshold High
1.2
V
SYNC Input Threshold Low
.
0.3
V
ISW(LKG)
Switch Leakage Current
SVIN = PVIN = 5.5V, VRUN = 0V
0.1
1
μA
VDDR
DDR Option Enable Voltage
SVIN – 0.3
V
VMODE
(Note 9)
Internal Burst Mode Operation
0.3
V
Pulse-Skipping Mode
SVIN – 0.3
V
Forced Continuous Mode
1.1
SVIN • 0.58
V
External Burst Mode Operation
0.45
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com