Electronic Components Datasheet Search
  English  ▼

X  

LTC3631 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3631
Description  High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3631 Datasheet HTML 9Page - Linear Technology LTC3631 Datasheet HTML 10Page - Linear Technology LTC3631 Datasheet HTML 11Page - Linear Technology LTC3631 Datasheet HTML 12Page - Linear Technology LTC3631 Datasheet HTML 13Page - Linear Technology LTC3631 Datasheet HTML 14Page - Linear Technology LTC3631 Datasheet HTML 15Page - Linear Technology LTC3631 Datasheet HTML 16Page - Linear Technology LTC3631 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3631
13
3631fb
APPLICATIONS INFORMATION
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 6. Output voltage
can range from 0.8V to VIN.
VFB
LTC3631
GND
VOUT
R2
3631 F06
R1
Figure 6. Setting the Output Voltage
To minimize the no-load supply current, resistor values
in the megohm range should be used; however, large
resistor values should be used with caution. The feedback
divider is the only load current when in shutdown. If PCB
leakage current to the output node or switch node exceeds
the load current, the output voltage will be pulled up. In
normal operation, this is generally a minor concern since
the load current is much greater than the leakage. The
increase in supply current due to the feedback resistors
can be calculated from:
IVIN =
VOUT
R1+ R2
•
VOUT
VIN
Run Pin with Programmable Hysteresis
The LTC3631 has a low power shutdown mode controlled
by the RUN pin. Pulling the RUN pin below 0.7V puts the
LTC3631 into a low quiescent current shutdown mode
(IQ ~ 3μA). When the RUN pin is greater than 1.2V,
the controller is enabled. Figure 7 shows examples of
configurations for driving the RUN pin from logic.
LTC3631
RUN
4.7M
VIN
3631 F07
LTC3631
RUN
VSUPPLY
Figure 7. RUN Pin Interface to Logic
RUN
LTC3631
HYST
VIN
R2
R1
R3
3631 F08
Figure 8. Adjustable Undervoltage Lockout
Specific values for these UVLO thresholds can be computed
from the following equations:
Rising VIN UVLO Threshold = 1.21V • 1+
R1
R2
Falling VIN UVLO Threshold = 1.10V • 1+
R1
R2 + R3
The minimum value of these thresholds is limited to the
internal VINUVLOthresholdsthatareshownintheElectrical
Characteristics table. The current that flows through this
divider will directly add to the shutdown, sleep and active
current of the LTC3631, and care should be taken to
minimize the impact of this current on the overall efficiency
of the application circuit. Resistor values in the megohm
range may be required to keep the impact on quiescent
shutdown and sleep currents low. Be aware that the HYST
pin cannot be allowed to exceed its absolute maximum
rating of 6V. To keep the voltage on the HYST pin from
exceeding 6V, the following relation should be satisfied:
VIN(MAX) •
R3
R1+ R2 + R3
< 6V
The RUN pin can alternatively be configured as a precise
undervoltage lockout (UVLO) on the VIN supply with
a resistive divider from VIN to ground. The RUN pin
comparator nominally provides 10% hysteresis when
used in this method; however, additional hysteresis may
be added with the use of the HYST pin. The HYST pin is
an open-drain output that is pulled to ground whenever
the RUN comparator is not tripped. A simple resistive
divider can be used as shown in Figure 8 to meet specific
VIN voltage requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com