Electronic Components Datasheet Search
  English  ▼

X  

LTC3631 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3631
Description  High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631 Datasheet(HTML) 3 Page - Linear Technology

  LTC3631 Datasheet HTML 1Page - Linear Technology LTC3631 Datasheet HTML 2Page - Linear Technology LTC3631 Datasheet HTML 3Page - Linear Technology LTC3631 Datasheet HTML 4Page - Linear Technology LTC3631 Datasheet HTML 5Page - Linear Technology LTC3631 Datasheet HTML 6Page - Linear Technology LTC3631 Datasheet HTML 7Page - Linear Technology LTC3631 Datasheet HTML 8Page - Linear Technology LTC3631 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3631
3
3631fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are for TA = 25°C (Note 2). VIN = 10V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (VIN)
VIN
Input Voltage Operating Range
4.5
45
V
UVLO
VIN Undervoltage Lockout
VIN Rising
VIN Falling
Hysteresis
l
l
3.80
3.75
4.15
4.00
150
4.50
4.35
V
V
mV
OVLO
VIN Overvoltage Lockout
VIN Rising
VIN Falling
Hysteresis
47
45
50
48
2
52
50
V
V
V
IQ
DC Supply Current (Note 3)
Active Mode
Sleep Mode
Shutdown Mode
VRUN = 0V
125
12
3
220
22
6
μA
μA
μA
Output Supply (VOUT/VFB)
VOUT
Output Voltage Trip Thresholds
LTC3631-3.3V, VOUT Rising
LTC3631-3.3V, VOUT Falling
l
l
3.260
3.240
3.310
3.290
3.360
3.340
V
V
LTC3631-5V, VOUT Rising
LTC3631-5V, VOUT Falling
l
l
4.940
4.910
5.015
4.985
5.090
5.060
V
V
VFB
Feedback Comparator Trip Voltage
VFB Rising
l
0.792
0.800
0.808
V
VHYST
Feedback Comparator Hysteresis
l
357
mV
IFB
Feedback Pin Current
Adjustable Output Version, VFB = 1V
–10
0
10
nA
ΔVLINEREG
Feedback Voltage Line Regulation
VIN = 4.5V to 45V
LTC3631-5, VIN = 6V to 45V
0.001
%/V
Operation
VRUN
Run Pin Threshold Voltage
RUN Rising
RUN Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.25
1.14
V
V
mV
IRUN
Run Pin Leakage Current
RUN = 1.3V
–10
0
10
nA
VHYSTL
Hysteresis Pin Voltage Low
RUN < 1V, IHYST = 1mA
0.07
0.1
V
IHYST
Hysteresis Pin Leakage Current
VHYST = 1.3V
–10
0
10
nA
ISS
Soft-Start Pin Pull-Up Current
VSS < 1.5V
4.5
5.5
6.5
μA
tINTSS
Internal Soft-Start Time
SS Pin Floating
0.75
ms
IPEAK
Peak Current Trip Threshold
ISET Floating
500k Resistor from ISET to GND
ISET Shorted to GND
l
200
40
225
120
50
280
65
mA
mA
mA
RON
Power Switch On-Resistance
Top Switch
Bottom Switch
ISW = –25mA
ISW = 25mA
3.0
1.5
Ω
Ω
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3631 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3631E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3631I is guaranteed over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and power
dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com