Electronic Components Datasheet Search
  English  ▼

X  

LTC6255 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6255
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 10Page - Linear Technology LTC6255 Datasheet HTML 11Page - Linear Technology LTC6255 Datasheet HTML 12Page - Linear Technology LTC6255 Datasheet HTML 13Page - Linear Technology LTC6255 Datasheet HTML 14Page - Linear Technology LTC6255 Datasheet HTML 15Page - Linear Technology LTC6255 Datasheet HTML 16Page - Linear Technology LTC6255 Datasheet HTML 17Page - Linear Technology LTC6255 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
thenegativesupplyto0.2Vbelowthepositivesupply,the
lowinputbiascurrentallowstheamplifierstobeusedin
applicationswithhighresistancesources.
GroundSensingandRailtoRailOutput
TheLTC6255familyhasexcellentoutputdrivecapability,
deliveringover10mAofoutputdrivecurrent.Theoutput
stageisarail-to-railtopologythatiscapableofswingingto
within30mVofeitherrail.Ifoutputswingtothenegative
railisrequired,anexternalpulldownresistortoanegative
supplycanbeadded.For5V/0Vopampsupplies,apull
downresistorof2.1kto–2Vwillallowa‘truezero’output
swing.Inthiscase,theoutputcanswingallthewayto
thebottomrailwhilemaintaining80dBofopenloopgain.
Sincetheinputscango100mVbeyondeitherrail,theop
ampcaneasilyperform‘trueground’sensing.
Themaximumoutputcurrentisafunctionoftotalsupply
voltage.Asthesupplyvoltagetotheamplifierincreases,
theoutputcurrentcapabilityalsoincreases.Attentionmust
bepaidtokeepthejunctiontemperatureoftheICbelow
150°Cwhentheoutputisincontinuousshort-circuit.The
outputoftheamplifierhasreverse-biaseddiodescon-
nectedtoeachsupply.Theoutputshouldnotbeforced
morethan0.5Vbeyondeithersupply,otherwisecurrent
willflowthroughthesediodes.
InputProtectionandOutputOverdrive
Topreventbreakdownoftheinputtransistors,theinput
stages are protected against a large differential input
voltagebytwopairsofback-to-backdiodes,D5toD8.If
thedifferentialinputvoltageexceeds1.4V,thecurrentin
thesediodesmustbelimitedtolessthan10mA.These
amplifiersarenotintendedforopenloopapplicationssuch
as comparators. When the output stage is overdriven,
internallimitingcircuitryisactivatedtoimproveoverdrive
recovery.Insomeapplications,thiscircuitrymaydrawas
muchas1mAsupplycurrent.
ESD
TheLTC6255familyhasreverse-biasedESDprotection
diodesonallinputsandoutputasshowninFigure1.
SupplyVoltageRamping
Fastrampingofthesupplyvoltagecancauseacurrent
glitchintheinternalESDprotectioncircuits.Dependingon
thesupplyinductance,thiscouldresultinasupplyvoltage
transientthatexceedsthemaximumrating.Asupplyvolt-
ageramptimeofgreaterthan1msisrecommended.
FeedbackComponents
Caremustbetakentoensurethatthepoleformedbythe
feedbackresistorsandtheparasiticcapacitanceatthe
invertinginputdoesnotdegradestability.Forexample,in
againof+2configurationwithgainandfeedbackresistors
of10k,apoorlydesignedcircuitboardlayoutwithparasitic
capacitance of 5pF (part +PC board) at the amplifier’s
invertinginputwillcausetheamplifiertooscillatedueto
apoleformedat3.2MHz.Anadditionalcapacitorof5pF
acrossthefeedbackresistorasshowninFigure2will
eliminateanyringingoroscillation.
Shutdown
ThesingleanddualversionshaveSHDNpinsthatcan
shutdowntheamplifiertolessthan7µAsupplycurrent.
TheSHDNpinvoltageneedstobewithin0.6VofV–for
theamplifiertoshutdown.Duringshutdown,theoutput
willbeinhighoutputresistancestate,whichissuitable
formultiplexerapplications.Whenleftfloating,theSHDN
pinisinternallypulleduptothepositivesupplyandthe
amplifierremainsenabled.
10k
10k
5pF
CPAR
VOUT
VIN
625567 F02
+
–
LTC6255
Figure2.
ApplicAtions inForMAtion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com