Electronic Components Datasheet Search
  English  ▼

X  

BD6722FS Datasheet(PDF) 2 Page - Rohm

Part # BD6722FS
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6722FS Datasheet(HTML) 2 Page - Rohm

  BD6722FS Datasheet HTML 1Page - Rohm BD6722FS Datasheet HTML 2Page - Rohm BD6722FS Datasheet HTML 3Page - Rohm BD6722FS Datasheet HTML 4Page - Rohm BD6722FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. D
〇ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta=25℃,Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
5.0
8.0
11.0
mA
Hall input hysteresis
VHYS
±5
±10
±15
mV
High side output current
IH
5
10
15
mA
High side output leak current
IHL
-
-
10
μA
VOH=34V
Low side output voltage
VL
-
0.3
0.45
V
Io=600mA
Lock detection ON time
TON
0.18
0.3
0.42
s
Lock detection OFF time
TOFF
3.6
6.0
8.4
s
FG output low voltage
VFGL
-
0.15
0.3
V
IFG=5mA
FG output leak current
IFGL
-
-
10
μA
VFG=17V
AL output low voltage
VALL
-
0.15
0.3
V
IAL=5mA
AL output leak current
IALL
-
-
10
μA
VAL=17V
OSC low voltage
VOSCL
0.8
1.0
1.2
V
OSC high voltage
VOSCH
2.24
2.44
2.64
V
OSC charge current
ICOSC
-50
-32
-26
μA
OSC discharge current
IDOSC
26
32
50
μA
Output ON duty 1
DUTY1
75
80
85
%
VTH=VREF*0.429
H side pull up R=1kΩ
COSC=470pF
Output ON duty 2
DUTY2
45
50
55
%
VTH=VREF*0.573
H side pull up R=1kΩ
COSC=470pF
Output ON duty 3
DUTY3
15
20
25
%
VTH=VREF*0.717
H side pull up R=1kΩ
COSC=470pF
VREF voltage
VREF
2.8
3.0
3.2
V
IVREF=-2mA
Current limit voltage
VCL
320
350
380
mV
VTH bias current
IVTH
-
-
0.2
μA
VMIN bias current
IVMIN
-
-
0.2
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com