Electronic Components Datasheet Search
  English  ▼

X  

BD6722FS Datasheet(PDF) 1 Page - Rohm

Part # BD6722FS
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6722FS Datasheet(HTML) 1 Page - Rohm

  BD6722FS Datasheet HTML 1Page - Rohm BD6722FS Datasheet HTML 2Page - Rohm BD6722FS Datasheet HTML 3Page - Rohm BD6722FS Datasheet HTML 4Page - Rohm BD6722FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. D
STRUCTURE
Silicon Monolithic Integrated Circuit
PRODUCT SERIES
Single-Phase Full-Wave Motor Driver for Fan Motor
TYPE
BD6722FS
FEATURES
Speed controllable by DC / PWM input
Current limit circuit
PWM soft switching drive
〇ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
20
V
Power dissipation
Pd
812.5*
mW
Operating temperature
Topr
-40~+100
℃
Storage temperature
Tstg
-55~+150
℃
High side output voltage
VOH
34
V
Low side output voltage
VOL
34
V
Low side output current
Iomax
1.5**
A
Signal output current
IFG/IAL
10
mA
Signal output voltage
VFG/VAL
20
V
VREF current ability
IVREF
8
mA
VTH input voltage
VVTH
15
V
Junction temperature
Tjmax
150
℃
*
Reduce by 6.5mW/℃ over Ta=25℃.
(On 70.0mm×70.0mm×1.6mm glass epoxy board)
** This value is not to exceed Pd.
〇OPERATING CONDITIONS
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
4.5~17.0
V
Hall input voltage range
VH
0~Vcc-2.0
V
VMIN input voltage range
VVMIN
0~Vcc-2.0
V
*This product is not designed for production against radioactive rays.
*This document may be strategic data subject to COCOM regulations.


Similar Part No. - BD6722FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
622Kb / 16P
Multifunction Single-phase Full-wave Fan Motor Driver
BD6722FS ROHM-BD6722FS_12 Datasheet
622Kb / 16P
Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD6722FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com