Electronic Components Datasheet Search
  English  ▼

X  

IMS30 Datasheet(PDF) 6 Page - Power-One

Part # IMS30
Description  Dual outputs 5V & 3.3V ; 3.3V & 1.8V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS30 Datasheet(HTML) 6 Page - Power-One

  IMS30 Datasheet HTML 1Page - Power-One IMS30 Datasheet HTML 2Page - Power-One IMS30 Datasheet HTML 3Page - Power-One IMS30 Datasheet HTML 4Page - Power-One IMS30 Datasheet HTML 5Page - Power-One IMS30 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Extendable output power characterisation of 48IMS30-0302-9G
under forced air condition
20
22
24
26
28
30
32
0
100
200
300
400
500
600
700
800
Air-Flow (LFM)
Table 6: Typical values for undervoltage lockout (PUL)
settings.
48 IMS 30
Rext [k ]
Ui min [V]
31
50
34
29
36
20
38
15
40
Auxiliary Functions
Shut Down Function
The outputs of the converters may be enabled or disabled
by means of a logic signal (TTL, CMOS, etc.) applied to the
shut down pin. If the shut down function is not required then
pin should be left open-circuit.
Converter operating:
2.0...5.0 V
Converter shut down:
–1...0.7 V
The shut down pin can also be used as a programmable
undervoltage lockout. The undervoltage lockout values for
the 48 IMS30 series is 31 V with a 0.5V hysteresis window
which can be trimmed up by means of an external resistor
connected between the SD/PUL pin and Vi– pin.
Adjustable Output Voltage
As a standard feature, the IMS 30 units offer adjustable
output voltage by using the secondary referenced control
Trim. If the control input is left open-circuit the output volt-
age is set to
Uo nom. Adjustment of the output voltage is pos-
sible by means of an external resistor
Rext connected be-
tween the Trim pin and the either Vo+ or Vo–.
Vo+
Vi+
Vi–
Vo–
06133
R
ext
SD/PUL
Fig. 8
Shut down (SD) and undervoltage lockout (PUL) function.
Vo+
Vi+
Vi–
Vo–
06134
Trim
R
ext 1
R
ext 2
Fig. 9
Output voltage Trim.
Table 7: Uo versus Uext for Uo = 90...110% Uo nom;
typical values (Ui nom, Io1/2 = 0.5 Io1/2 nom)
Rext 1
Rext 2
Uo nom [V]
Uo [V]
[k]
Uo [V]
[k]
3.3
2.97
8
3.63
5
Synchronisation
The IMS 30 provides a bi-directional synchronisation func-
tion to synchronise several IMS 30 units operated in parallel
connection. When the W pins (SYNC) are connected to-
gether, the converters will lock to the highest switching fre-
quency. The faster controller becomes the master, produc-
ing a 4.3 V, 200 ns pulse train. Only one, the highest fre-
quency SYNC signal, will appear on the Sync line.
6/11
Thermal Considerations
If a converter, mounted on a PCB, is located in free, quasi-
stationary air (convection cooling) at the indicated maxi-
mum ambient temperature
TA max (see table: Temperature
specifications) and is operated at its nominal input voltage
and output power, the case temperature
TC measured at the
Measuring point of case temperature TC (see: Mechanical
Data) will approach the indicated value TC max after the
warm-up phase. However, the relationship between
TA and
TC depends heavily on the conditions of operation and inte-
gration into a system. The thermal conditions are influenced
by input voltage, output current, airflow, temperature of sur-
rounding components and surfaces and the properties of
the printed circuit board.
TA max is therefore only an indica-
tive value and under practical operating conditions, the ad-
missible ambient temperature
TA may be higher or lower
than this value.
Caution: The case temperature
TC measured at the
Measuring point of case temperature TC (see: Mechani-
cal Data) must under no circumstances exceed the
specified maximum value. The installer must ensure that
under all operating conditions
TC remains within the lim-
its stated in the table:
Temperature specifications.
Short Circuit Behaviour
The current limit characteristic shuts down the converter
whenever a short circuit or an overload is applied to its out-
put. It acts self-protecting and automatically recovers after
removal of the overload condition (hiccup mode).
Overtemperature Protection
The converters are protected from possible overheating by
means of an internal non latching temperature monitoring
circuit. It shuts down the unit above the internal tempera-
ture limit and attempts to automatically restart in short peri-
ods. This feature prevents excessive internal temperature
excursion which could occur in heavy overload conditions.
Typical Performance Curves
General conditions :
TA = 25oC, unless TC is specified. Shut down pin left open-
circuit. Trim input not connected.
Fig. 5
Overload switch off (hiccup mode), typical values.
100
Uo [%]
t [ms]
05162
100
10
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com