Electronic Components Datasheet Search
  English  ▼

X  

IMS30 Datasheet(PDF) 1 Page - Power-One

Part # IMS30
Description  Dual outputs 5V & 3.3V ; 3.3V & 1.8V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS30 Datasheet(HTML) 1 Page - Power-One

  IMS30 Datasheet HTML 1Page - Power-One IMS30 Datasheet HTML 2Page - Power-One IMS30 Datasheet HTML 3Page - Power-One IMS30 Datasheet HTML 4Page - Power-One IMS30 Datasheet HTML 5Page - Power-One IMS30 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IMS30 Series
Input to output electric strength test 1500 V DC
Input voltage ranges 32...75 VDC for -0302
Dual output
• Industry standard pin-out
• Fixed frequency operation
• High efficiency up to 89 %
• 2" x 2" platform with 9.4 mm profile
• Low output noise
• Soft start
• Shut down input, output voltages adjustable
• Programmable input undervoltage lockout
• Synchronisation
• Outputs no-load, overload and short-circuit proof
• Operating ambient temperature –40...71o C
• Thermal protection with auto-reset (non latching)
•
•
Emissions below EN 55022, level B
Immunity to IEC/EN 61000-4-2,-3,-4,-5 and -6
Table of Contents
Page
Summary ......................................................................... 1
Type Survey and Key Data ............................................. 2
Type Key ......................................................................... 2
Functional Description ..................................................... 2
Electrical Input Data ........................................................ 3
Electrical Ouput Data ...................................................... 4
Page
Auxiliary Functions .......................................................... 6
Electromagnetic Compatibility (EMC) ............................. 7
Immunity to Environmental Conditions ............................ 8
Mechanical Data ............................................................. 9
Safety and Installation Instructions ............................... 10
Description of Option ..................................................... 11
Summary
The IMS 30 series of board mountable 30 Watt DC-DC con-
verters has been designed according to the latest industry
requirements and standards. The converters are particu-
larly suitable for applications in industry and telecommuni-
cation where variable input voltages or high transient volt-
ages are prevalent.
Features include efficient input and output filtering with un-
surpassed transient and surge protection, low output ripple
and noise, consistently high efficiency over the entire input
voltage range, high reliability as well as excellent dynamic
response to load and line changes.
The converters provide supplementary insulation with
SELV outputs as e.g. required in battery supported systems
where the bus voltage may exceed the SELV limit of
60 V DC. They are designed and built according to the in-
ternational safety standards IEC/EN 60950, UL 1950, CAN/
CSA C22.2 No.950-95. Approvals pending.
The circuit comprises integrated planar magnetics and all
components are automatically assembled and soldered
onto a single PCB without any wire connections. The pro-
prietary magnetic feedback solution ensures maximum reli-
abilityand repeatability in the control loop over all operating
conditions. Careful considerations of possible thermal
stresses ensure the absence of hot spots providing long life
in environments where temperature cycles are a reality. The
thermal design allows operation at full load up to an ambi-
ent temperature of 71°C in free air without using any potting
material.
Safety according to IEC/EN 60950, UL 1950
Approvals pending
LGA
C
1/11 10130 DC
Powering Communciations and Technology
IMS30 SERIES
JAN, 2001
48Vinput
Dual outputs 5V & 3.3V ; 3.3V & 1.8V


Similar Part No. - IMS30

ManufacturerPart #DatasheetDescription
logo
SICK AG
IMS30-15BNOVU2S SICK-IMS30-15BNOVU2S Datasheet
938Kb / 7P
INDUCTIVE PROXIMITY SENSORS
2024-01-08 12:55:59
IMS30-15BNSVU2S SICK-IMS30-15BNSVU2S Datasheet
938Kb / 7P
INDUCTIVE PROXIMITY SENSORS
2024-01-08 12:55:59
More results

Similar Description - IMS30

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
5V/3.3V DUAL PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
3.3V/5V MicroManager
logo
Phihong USA Inc.
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
18W Universal Input, Compact PCB, 3.3V/5V Outputs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
3.3V/5V MicroManager
121906
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com