Electronic Components Datasheet Search
  English  ▼

X  

LM3430 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3430
Description  LED Backlighting Solution with LM3430 and LM3432
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3430 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3430 Datasheet HTML 8Page - National Semiconductor (TI) LM3430 Datasheet HTML 9Page - National Semiconductor (TI) LM3430 Datasheet HTML 10Page - National Semiconductor (TI) LM3430 Datasheet HTML 11Page - National Semiconductor (TI) LM3430 Datasheet HTML 12Page - National Semiconductor (TI) LM3430 Datasheet HTML 13Page - National Semiconductor (TI) LM3430 Datasheet HTML 14Page - National Semiconductor (TI) LM3430 Datasheet HTML 15Page - National Semiconductor (TI) LM3430 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Designation
Type
Part Number
Value
Package
Qty
Manufacturer
Current Control Section (LM3432) :
U2
LED Current
Regulator IC
LM3432
LLP-24
1
NSC
C34
Ceramic Capacitor
GRM1885C1H681JA01B
680 pF, 50V, COG
0603
1
MuRata
C35
Ceramic Capacitor
"GRM188R71E104KA01B
(ECJ1VB1E104K)"
0.1 µF, 25V, X7R
0603
1
"MuRata
(Panasonic)"
C36, C38
Ceramic Capacitor
"GRM188R71H103KA01B
(ECJ1VB1H103K)"
10 nF, 50V, X7R
0603
2
"MuRata
(Panasonic)"
C37
Ceramic Capacitor
"GRM188R61A105KA61B
(ECJ1VB1A105K)"
1 µF, 10V, X5R
0603
1
"MuRata
(Panasonic)"
R7
Resistor
CRCW06032212F
22.1 k
Ω, ±1%
0603
1
Vishay
R25
Resistor
CRCW06035472F
54.7 k
Ω, ±1%
0603
1
Vishay
R27, R28
Resistor
CRCW06031001F
1.0 k
Ω, ±1%
0603
2
Vishay
R38
Resistor
CRCW06033572F
35.7 k
Ω, ±1%
0603
1
Vishay
R39
Resistor
CRCW06031802F
18.0 k
Ω, ±1%
0603
1
Vishay
VR1
Variable Resistor
PVM4A5003C01B00
0 - 50 k
Ω, 4mm
1
MuRata
FAULTb
SMD LED
GREEN
0805
1
OTMb
SMD LED
RED
0805
1
JP2, JP3
Jumper Header
2-pin, 2.54mm pitch
2
JP5
Jumper Header
3-pin, 2.54mm pitch
1
CN1
Connector Header
7-pin, 2mm pitch
1
CN2, CN3
Connector Header
2-pin, 2mm pitch
2
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com