Electronic Components Datasheet Search
  English  ▼

X  

TRS213CDB Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS213CDB
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS213CDB Datasheet(HTML) 4 Page - Texas Instruments

  TRS213CDB Datasheet HTML 1Page - Texas Instruments TRS213CDB Datasheet HTML 2Page - Texas Instruments TRS213CDB Datasheet HTML 3Page - Texas Instruments TRS213CDB Datasheet HTML 4Page - Texas Instruments TRS213CDB Datasheet HTML 5Page - Texas Instruments TRS213CDB Datasheet HTML 6Page - Texas Instruments TRS213CDB Datasheet HTML 7Page - Texas Instruments TRS213CDB Datasheet HTML 8Page - Texas Instruments TRS213CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
TRS213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS807 – JUNE 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
V+
Positive charge-pump voltage range(2)
VCC – 0.3
14
V
V–
Negative charge-pump voltage range(2)
0.3
–14
V
Drivers
–0.3
V+ + 0.3
VI
Input voltage range
V
Receivers
±30
Drivers
V– – 0.3
V+ + 0.3
VO
Output voltage range
V
Receivers
–0.3
VCC + 0.3
DOUT
Short-circuit duration
Continuous
DB package
62
θJA
Package thermal impedance(3)(4)
DW package
46
C
°/W
PW package
TJ
Operating virtual junction temperature
150
C
°
Tstg
Storage temperature range
–65
150
C
°
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max),θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
See Figure 4
MIN
NOM
MAX
UNIT
Supply voltage
4.5
5
5.5
V
Driver high-level input voltage
DIN
2
VIH
V
Control high-level input voltage
EN, SHDN
2.4
VIL
Driver and control low-level input voltage
DIN, EN, SHDN
0.8
V
Driver and control input voltage
DIN, EN, SHDN
0
5.5
VI
V
Receiver input voltage
RIN
–30
30
TRS213C
0
70
TA
Operating free-air temperature
°C
TRS213I
–40
85
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
ICC
Supply current
No load,
See Figure 6
14
20
mA
ISHDN
Shutdown supply current
TA = 25°C,
See Figure 1
15
50
μA
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com