Electronic Components Datasheet Search
  English  ▼

X  

TRS213CDB Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS213CDB
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS213CDB Datasheet(HTML) 2 Page - Texas Instruments

  TRS213CDB Datasheet HTML 1Page - Texas Instruments TRS213CDB Datasheet HTML 2Page - Texas Instruments TRS213CDB Datasheet HTML 3Page - Texas Instruments TRS213CDB Datasheet HTML 4Page - Texas Instruments TRS213CDB Datasheet HTML 5Page - Texas Instruments TRS213CDB Datasheet HTML 6Page - Texas Instruments TRS213CDB Datasheet HTML 7Page - Texas Instruments TRS213CDB Datasheet HTML 8Page - Texas Instruments TRS213CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
TRS213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS807 – JUNE 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 20
TRS213CDW
SOIC – DW
TRS213C
Reel of 1000
TRS213CDWR
0
°C to 70°C
Tube of 50
TRS213CDB
SSOP – DB
TRS213C
Reel of 2000
TRS213CDBR
TSSOP – PW
Tape and reel
TRS213CPWR
TRS213C
Tube of 20
TRS213IDW
SOIC – DW
TRS213I
Reel of 1000
TRS213IDWR
–40
°C to 85°C
Tube of 50
TRS213IDB
SSOP – DB
TRS213I
Reel of 2000
TRS213IDBR
TSSOP – PW
Tape and reel
TRS213IPWR
TRS213I
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
INPUTS
RECEIVER
DRIVER
DEVICE STATUS
D1–D4
SHDN
EN
R1–R3
R4–R5
L
L
Z
Z
Z
Shutdown
L
H
Z
Z
Active(1)
Shutdown
H
L
All active
Z
Z
Normal operation
H
H
All active
Active
Active
Normal operation
(1)
See the VIT+ and VIT– change in the Electrical Characteristics table.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com