Electronic Components Datasheet Search
  English  ▼

X  

TRS213CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TRS213CPWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS213CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TRS213CPWR Datasheet HTML 1Page - Texas Instruments TRS213CPWR Datasheet HTML 2Page - Texas Instruments TRS213CPWR Datasheet HTML 3Page - Texas Instruments TRS213CPWR Datasheet HTML 4Page - Texas Instruments TRS213CPWR Datasheet HTML 5Page - Texas Instruments TRS213CPWR Datasheet HTML 6Page - Texas Instruments TRS213CPWR Datasheet HTML 7Page - Texas Instruments TRS213CPWR Datasheet HTML 8Page - Texas Instruments TRS213CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DOUT3
DOUT1
DOUT2
RIN2
ROUT2
DIN2
DIN1
ROUT1
RIN1
GND
VCC
C1+
V+
C1–
DOUT4
RIN3
ROUT3
SHDN
EN
RIN4
ROUT4
DIN4
DIN3
ROUT5
RIN5
V–
C2–
C2+
APPLICATIONS
DESCRIPTION/ ORDER INFORMATION
TRS213
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS807 – JUNE 2007
• ESD Protection for RS-232 Bus Pins
–
±15-kV Human-Body Model (HBM)
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates at 5-V V
CC Supply
• Four Drivers and Five Receivers
• Operates up to 120 kbit/s
• Low Supply Current in Shutdown
Mode . . . 15
μA Typ
• External Capacitors . . . 4 × 0.1 F
• Designed to Be Interchangeable With Industry
Standard '213 Devices
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The TRS213 device consists of four line drivers, five line receivers, and a dual charge-pump circuit with
±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 5-V
supply. The devices operate at data signaling rates up to 120 kbit/s and a maximum of 30-V/
μs driver output
slew rate.
The TRS213 has an active-low shutdown (SHDN) and an active-high enable control (EN). In shutdown mode,
the charge pumps are turned off, V+ is pulled down to VCC, V– is pulled to GND, and the transmitter outputs are
disabled. This reduces supply current typically to 1
μA. Two receivers of the TRS213 are active during
shutdown.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRS213CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS213E TI1-TRS213E Datasheet
663Kb / 13P
TRS213E Multichannel 120kbps RS-232 Line Driver and Receiver with ±9V output and ±15kV IEC ESD Protection
JULY 2024
TRS213EIDBR TI1-TRS213EIDBR Datasheet
663Kb / 13P
TRS213E Multichannel 120kbps RS-232 Line Driver and Receiver with ±9V output and ±15kV IEC ESD Protection
JULY 2024
More results

Similar Description - TRS213CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com